Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1208YRUZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG1208YRUZ-REEL7
Szczegółowy opis  Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1208YRUZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG1208YRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1208YRUZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1208/ADG1209
Rev. B | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
EN
9
VSS
S1
S4
S3
S2
A0
A2
GND
VDD
S7
S6
S5
A1
ADG1208
TOP VIEW
(Not to Scale)
DS8
PIN 1
INDICATOR
1
Figure 3. ADG1208 Pin Configuration (TSSOP/SOIC)
VSS
2
S1
3
S2
4
S3
11 VDD
12 GND
10 S5
9S6
TOP VIEW
(Not to Scale)
ADG1208
Figure 4. ADG1208 Pin Configuration (LFCSP_VQ),
Exposed Pad Tied to Substrate, VSS
Table 4. ADG1208 Pin Function Descriptions
Pin Number
TSSOP/SOIC
LFCSP_VQ
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off. When
high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential. In single-supply applications, it can be
connected to ground.
4
2
S1
Source Terminal 1. Can be an input or an output.
5
3
S2
Source Terminal 2. Can be an input or an output.
6
4
S3
Source Terminal 3. Can be an input or an output.
7
5
S4
Source Terminal 4. Can be an input or an output.
8
6
D
Drain Terminal. Can be an input or an output.
9
7
S8
Source Terminal 8. Can be an input or an output.
10
8
S7
Source Terminal 7. Can be an input or an output.
11
9
S6
Source Terminal 6. Can be an input or an output.
12
10
S5
Source Terminal 5. Can be an input or an output.
13
11
VDD
Most Positive Power Supply Potential.
14
12
GND
Ground (0 V) Reference.
15
13
A2
Logic Control Input.
16
14
A1
Logic Control Input.
Table 5. ADG1208 Truth Table
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8


Podobny numer części - ADG1208YRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1208YRUZ-REEL7 AD-ADG1208YRUZ-REEL7 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1208YRUZ-REEL71 AD-ADG1208YRUZ-REEL71 Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
More results

Podobny opis - ADG1208YRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com