Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP2323 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADP2323
Szczegółowy opis  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP2323 Arkusz danych(HTML) 4 Page - Analog Devices

  ADP2323 Datasheet HTML 1Page - Analog Devices ADP2323 Datasheet HTML 2Page - Analog Devices ADP2323 Datasheet HTML 3Page - Analog Devices ADP2323 Datasheet HTML 4Page - Analog Devices ADP2323 Datasheet HTML 5Page - Analog Devices ADP2323 Datasheet HTML 6Page - Analog Devices ADP2323 Datasheet HTML 7Page - Analog Devices ADP2323 Datasheet HTML 8Page - Analog Devices ADP2323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 4 of 32
SPECIFICATIONS
PVIN1 = PVIN2 = 12 V at TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameters
Symbol
Test Conditions/Comments
Min
Typ
Max
Units
POWER INPUT (PVINx PINS)
Power Input Voltage Range
V
PVIN
4.5
20
V
Quiescent Current (PVIN1 + PVIN2)
I
Q
MODE = GND, no switching
3
5
mA
Shutdown Current (PVIN1 + PVIN2)
I
SHDN
EN1 = EN2 = GND
50
100
µA
PVINx Undervoltage Lockout Threshold
UVLO
PVINx Rising
4.3
4.5
V
PVINx Falling
3.5
3.8
V
FEEDBACK (FBx PINS)
FBx Regulation Voltage1
V
FB
PVINx = 4.5 V to 20 V
0.594
0.6
0.606
V
FBx Bias Current
I
FB
0.01
0.1
µA
ERROR AMPLIFIER (COMPx PINS)
Transconductance
g
m
230
300
370
µS
EA Source Current
I
SOURCE
25
45
65
µA
EA Sink Current
I
SINK
25
45
65
µA
INTERNAL REGULATOR (INTVCC PIN)
INTVCC Voltage
4.75
5
5.25
V
Dropout Voltage
I
INTVCC = 30 mA
400
mV
Regulator Current Limit
40
75
120
mA
SWITCH NODE (SWx PINS)
High-Side On Resistance2
V
BST to VSW = 5 V
90
130
mΩ
SWx Peak Current Limit
R
ILIM = floating, VBST to VSW = 5 V
4
4.8
5.8
A
R
ILIM = 47 kΩ, VBST to VSW = 5 V
2.3
3
3.7
A
R
ILIM = 15 kΩ, VBST to VSW = 5 V
0.8
1.5
2.2
A
SWx Minimum On Time3
t
MIN_ON
130
ns
SWx Minimum Off Time3
t
MIN_OFF
150
ns
LOW-SIDE DRIVER (DLx PINS )
Rising Time3
C
DL = 2.2 nF, see Figure 19
20
ns
Falling Time3
C
DL = 2.2 nF, see Figure 22
10
ns
Sourcing Resistor
4
6
Sinking Resistor
2
4.5
OSCILLATOR (RT PIN)
PWM Switching Frequency
f
SW
R
OSC = 100 kΩ
530
600
670
kHz
PWM Frequency Range
250
1200
kHz
SYNCHRONIZATION (SYNC PIN)
SYNC Input
SYNC configured as input
Synchronization Range
300
1200
kHz
Minimum On Pulse Width
100
ns
Minimum Off Pulse Width
100
ns
High Threshold
1.3
V
Low Threshold
0.4
V
SYNC Output
SYNC configured as output
Frequency on SYNC Pin
f
CLKOUT
f
SW
kHz
Positive Pulse Time
100
ns
SOFT START (SSx PINS)
SSx Pin Source Current
I
SS
2.5
3.5
4.5
µA


Podobny numer części - ADP2323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2323 AD-ADP2323 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323-EVALZ AD-ADP2323-EVALZ Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Podobny opis - ADP2323

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
   20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com