Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD19502Q5B Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD19502Q5B
Szczegółowy opis  80 V N-Channel NexFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5B Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CSD19502Q5B Datasheet HTML 5Page - Texas Instruments CSD19502Q5B Datasheet HTML 6Page - Texas Instruments CSD19502Q5B Datasheet HTML 7Page - Texas Instruments CSD19502Q5B Datasheet HTML 8Page - Texas Instruments CSD19502Q5B Datasheet HTML 9Page - Texas Instruments CSD19502Q5B Datasheet HTML 10Page - Texas Instruments CSD19502Q5B Datasheet HTML 11Page - Texas Instruments CSD19502Q5B Datasheet HTML 12Page - Texas Instruments CSD19502Q5B Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CSD19502Q5B
VSON
DNK
8
2500
330.0
12.8
6.5
5.3
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Dec-2013
Pack Materials-Page 1


Podobny numer części - CSD19502Q5B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
CSD19502Q5BT TI1-CSD19502Q5BT Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD19502Q5B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19505KTT TI1-CSD19505KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19506KTT TI1-CSD19506KTT Datasheet
408Kb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
[Old version datasheet]   CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
[Old version datasheet]   CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com