Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM385AAAR21 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części DM385AAAR21
Szczegółowy opis  DM385 and DM388 DaVinci??Digital Media Processor
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR21 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button DM385AAAR21 Datasheet HTML 4Page - Texas Instruments DM385AAAR21 Datasheet HTML 5Page - Texas Instruments DM385AAAR21 Datasheet HTML 6Page - Texas Instruments DM385AAAR21 Datasheet HTML 7Page - Texas Instruments DM385AAAR21 Datasheet HTML 8Page - Texas Instruments DM385AAAR21 Datasheet HTML 9Page - Texas Instruments DM385AAAR21 Datasheet HTML 10Page - Texas Instruments DM385AAAR21 Datasheet HTML 11Page - Texas Instruments DM385AAAR21 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
2
Device Overview
2.1
Device Comparison
Table 2-1 shows a comparison between devices, highlighting the differences.
Table 2-1. Device Comparison
DEVICE
FEATURE
DM385
DM388
Noise Filtering Engine
NO
YES
2.2
Device Characteristics
Table 2-2 provides an overview of the DM385 and DM388 DaVinci™ Digital Media Processors,, which
includes significant features of the device, including the capacity of on-chip RAM, peripherals, and the
package type with pin count.
Table 2-2. Characteristics of the Processor
HARDWARE FEATURES
DM385/DM388
1 16-/24-bit HD Capture Port or
2 8-bit SD Capture Ports
and
1 8/16/24-bit HD Input Port
and
1 8-bit SD Input Port
and
HD Video Processing Subsystem (HDVPSS)
1 16-/24-/30-bit HD Display Port
or 1 HDMI 1.3 Transmitter
and
1 16-/24-bit HD Display Port
and
1 SD Video DAC
and
3 HD Video DACs
1 Parallel Camera Input for Raw (up to 16-
bit)
Imaging Subsystem (ISS)
and BT.656/BT.1120 (8/16-bit)
and 1 CSI2 Serial Input
DDR2/3 Memory Controller
16-/32-bit Bus Width
Asynchronous (8-/16-bit bus width)
GPMC + ELM
RAM, NOR, NAND
64 Independent Channels
EDMA
8 QDMA Channels
10/100/1000 Ethernet MAC Switch with Management Data
1 (with 2 MII/RMII/GMII/RGMII)
Input/Output (MDIO)
2 (Supports High- and Full-Speed as a
Peripherals
USB 2.0
Device and
High-, Full-, and Low-Speed as a Host)
PCI Express 2.0
1 Port (5.0 GT/s lane)
Not all peripherals
pins are available at
8 (32-bit General purpose)
the same time (for
Timers
and
more details, see the
1 (System Watchdog)
Device Configurations
section).
3 (with SIR, MIR, FIR, CIR support and
UART
RTS/CTS flow control)
(UART0 Supports Modem Interface)
SPI
4 (Each supporting up to 4 slave devices)
8
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388


Podobny numer części - DM385AAAR21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM385AAAR21 TI1-DM385AAAR21 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385AAAR21F TI1-DM385AAAR21F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Podobny opis - DM385AAAR21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com