Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ31710 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ31710
Szczegółowy opis  10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31710 Arkusz danych(HTML) 3 Page - Texas Instruments

  LMZ31710 Datasheet HTML 1Page - Texas Instruments LMZ31710 Datasheet HTML 2Page - Texas Instruments LMZ31710 Datasheet HTML 3Page - Texas Instruments LMZ31710 Datasheet HTML 4Page - Texas Instruments LMZ31710 Datasheet HTML 5Page - Texas Instruments LMZ31710 Datasheet HTML 6Page - Texas Instruments LMZ31710 Datasheet HTML 7Page - Texas Instruments LMZ31710 Datasheet HTML 8Page - Texas Instruments LMZ31710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LMZ31710
www.ti.com
SNVS987A – JULY 2013 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 10 A,
CIN = 0.1 µF + 2 x 22 µF ceramic + 100 µF bulk, COUT = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0(1)
10
A
VIN
Input bias voltage range
Over output current range
4.5
17
V
PVIN
Input switching voltage range
Over output current range
2.95(2)
17(3)
V
VIN Increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN Decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over output current range
0.6
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0 A
±1%(4)
Temperature variation
–40°C
≤ TA ≤ +85°C, IOUT = 0 A
±0.2%
VOUT
Line regulation
Over input voltage range
±0.1%
Load regulation
Over output current range
±0.2%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5%(4)
VOUT = 5.0 V, fSW = 1 MHz
93 %
VOUT = 3.3 V, fSW = 750 kHz
92 %
VOUT = 2.5 V, fSW = 750 kHz
90 %
PVIN = VIN = 12 V
VOUT = 1.8 V, fSW = 500 kHz
89 %
IO = 5 A
VOUT = 1.2 V, fSW = 300 kHz
86 %
VOUT = 0.9 V, fSW = 250 kHz
84 %
η
Efficiency
VOUT = 0.6 V, fSW = 200 kHz
81 %
PVIN = VIN = 5 V
VOUT = 3.3 V, fSW = 750 kHz
94 %
IO = 5 A
VOUT = 2.5 V, fSW = 750 kHz
93 %
VOUT = 1.8 V, fSW = 500 kHz
92 %
VOUT = 1.2 V, fSW = 300 kHz
89 %
VOUT = 0.9 V, fSW = 250 kHz
87 %
VOUT = 0.6 V, fSW = 200 kHz
83 %
Output voltage ripple
20 MHz bandwith
14
mVP-P
ILIM pin open
15
A
ILIM
Current limit threshold
ILIM pin to AGND
12
A
Recovery time
100
µs
1.0 A/µs load step from
Transient response
25 to 75% IOUT(max)
VOUT over/undershoot
80
mV
Inhibit High Voltage
1.3
open(5)
VINH
Inhibit threshold voltage
V
Inhibit Low Voltage
-0.3
1.1
INH Input current
VINH < 1.1 V
-1.15
μA
IINH
INH Hysteresis current
VINH > 1.3 V
-3.3
μA
II(stby)
Input standby current
INH pin to AGND
2
10
µA
Good
95%
VOUT rising
Fault
108%
PWRGD Thresholds
Power Good
Fault
91%
VOUT falling
Good
104%
PWRGD Low Voltage
I(PWRGD) = 0.5 mA
0.3
V
fSW
Switching frequency
RRT = 169 kΩ
400
500
600
kHz
fCLK
Synchronization frequency
200
1200
kHz
VCLK-H
CLK High-Level
2.0
5.5
V
CLK Control
VCLK-L
CLK Low-Level
0.5
V
DCLK
CLK Duty Cycle
20
50
80
%
(1)
See Light Load Efficiency (LLE) section for more information for output voltages < 1.5 V.
(2)
The minimum PVIN is 2.95 V or (VOUT + 0.7 V), whichever is greater. See Table 9 for more details.
(3)
The maximum PVIN voltage is 17 V or (22 x VOUT), whichever is less. See Table 9 for more details.
(4)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(5)
Value when no voltage divider is present at the INH/UVLO pin. This pin has an internal pull-up. If it is left open, the device operates
when input power is applied. A small, low-leakage MOSFET is recommended for control. Do not tie this pin to VIN.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ31710


Podobny numer części - LMZ31710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31710 TI-LMZ31710 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31710EVM-001 TI-LMZ31710EVM-001 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results

Podobny opis - LMZ31710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com