Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1S414 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD1S414
Szczegółowy opis  USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPD1S414 Datasheet HTML 1Page - Texas Instruments TPD1S414 Datasheet HTML 2Page - Texas Instruments TPD1S414 Datasheet HTML 3Page - Texas Instruments TPD1S414 Datasheet HTML 4Page - Texas Instruments TPD1S414 Datasheet HTML 5Page - Texas Instruments TPD1S414 Datasheet HTML 6Page - Texas Instruments TPD1S414 Datasheet HTML 7Page - Texas Instruments TPD1S414 Datasheet HTML 8Page - Texas Instruments TPD1S414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GND
GND
GND
GND
VBUS_SYS
VBUS_SYS
VBUS_SYS
VBUS_CON
VBUS_CON
VBUS_CON
ACK
EN
TPD1S414
www.ti.com
SLLSEH9A – OCTOBER 2013 – REVISED OCTOBER 2013
USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
Check for Samples: TPD1S414
1
FEATURES
APPLICATIONS
Input DC Voltage Protection at VBUS_CON up to
Cell Phones
30 V
eBook
Low RON nFET Switch Supports Host and
Portable Media Players
Charging Mode
Withstands up to 100V Open Circuit Surge
DESCRIPTION
Voltage (per IEC61000-4-5)
The TPD1S414 is a single-chip solution for USB
connector’s VBUS line protection. The bi-directional
Internal 15 ms Startup Delay
nFET switch ensures safe current flow in both
Internal 30 ms Soft-start Delay to Minimize the
charging and host mode while protecting the internal
USB Inrush Current
system circuits from any over-voltage conditions at
ESD Performance VBUS_CON
the VBUS_CON pin. On the VBUS_CON pin, this device
can handle overvoltage protection up to 30 V. After
±15 kV Contact Discharge (IEC 61000-4-2)
the EN pin toggles low, the TPD1S414 waits 20 ms
±15 kV Air Gap Discharge (IEC 61000-4-2)
before turning ON the nFET through a soft start
Integrated Input Enable and Status Output
delay. ACK pin indicates the FET is completely
Signal
turned ON.
Thermal Shutdown Feature
Space Saving WCSP Package
(1.4 mm x 1.89 mm)
YZ PACKAGE
(TOP VIEW - SEE THROUGH)
12-YZ Pin Mapping
1
2
3
4
A
GND
VBUS_SYS
VBUS_SYS
GND
B
ACK
VBUS_SYS
VBUS_CON
GND
C
EN
VBUS_CON
VBUS_CON
GND
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPD1S414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Podobny opis - TPD1S414

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com