Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1221BRMZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADG1221BRMZ
Szczegółowy opis  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1221BRMZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADG1221BRMZ Datasheet HTML 3Page - Analog Devices ADG1221BRMZ Datasheet HTML 4Page - Analog Devices ADG1221BRMZ Datasheet HTML 5Page - Analog Devices ADG1221BRMZ Datasheet HTML 6Page - Analog Devices ADG1221BRMZ Datasheet HTML 7Page - Analog Devices ADG1221BRMZ Datasheet HTML 8Page - Analog Devices ADG1221BRMZ Datasheet HTML 9Page - Analog Devices ADG1221BRMZ Datasheet HTML 10Page - Analog Devices ADG1221BRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN1 1
S1 2
D1 3
IN2
10
VDD
9
GND
8
D2 4
NC
7
S2 5
VSS
6
NC = NO CONNECT
ADG1221/
ADG1222/
ADG1223
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead MSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN1
Logic Control Input.
2
S1
Source Terminal. Can be an input or output.
3
D1
Drain Terminal. Can be an input or output.
4
D2
Drain Terminal. Can be an input or output.
5
S2
Source Terminal. Can be an input or output.
6
VSS
Most Negative Power Supply Potential.
7
NC
No Connect.
8
GND
Ground (0 V) Reference.
9
VDD
Most Positive Power Supply Potential.
10
IN2
Logic Control Input.
Table 6. ADG1221/ADG1222 Truth Table
ADG1221 INx
ADG1222 INx
Switch Condition
1
0
On
0
1
Off
Table 7. ADG1223 Truth Table
ADG1223 INx
Switch 1 Condition
Switch 2 Condition
0
Off
On
1
On
Off


Podobny numer części - ADG1221BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1221BRMZ-REEL71 AD-ADG1221BRMZ-REEL71 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1221BRMZ1 AD-ADG1221BRMZ1 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
More results

Podobny opis - ADG1221BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
   16 ?? Low Charge Injection and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
08-Feb-17
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com