Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD10-14D-L Arkusz danych(PDF) 1 Page - PANDUIT CORP.

Numer części LCD10-14D-L
Szczegółowy opis  Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCD10-14D-L Arkusz danych(HTML) 1 Page - PANDUIT CORP.

  LCD10-14D-L Datasheet HTML 1Page - PANDUIT CORP. LCD10-14D-L Datasheet HTML 2Page - PANDUIT CORP. LCD10-14D-L Datasheet HTML 3Page - PANDUIT CORP. LCD10-14D-L Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wire range
taking capability
Designed to terminate #14 – #10 AWG
stranded and #12 – #10 AWG solid
copper code conductors
Offers a single lug to terminate a range of conductor
sizes, resulting in lower inventory costs
Inspection window
Permits viewing of cable placement
inside the barrel
Allows for visual verification of proper cable
insertion before and after crimping
Electro tin plated
Provides corrosion resistance
Provides for long term, durable terminations
Copper Compression Lugs For Terminating
#14 – #10 AWG Copper Conductors
Everywhere y
Everywhere you need us!
ou need us!
PANDUIT ® offers copper compression lugs for
terminating #14 – #10 AWG copper conductors.
The lugs are available in standard and long barrel
lengths, offered with one or two mounting holes, in
straight, 45° and 90° bent configurations. These
lugs can be crimped with a wide variety of
PANDUIT ® crimp tools for UL Listed and CSA
Certified terminations. Building on the existing line
of lugs for #8 AWG – 1000 kcmil,
PANDUIT ® copper
compression lugs meet the requirements of virtually
any application.
Seamless copper tubing
features, advantages and benefits
Eliminates split seams when crimped,
providing a tongue with double
material thickness
Provides terminations with premium electrical
performance and mechanical strength
UL Listed and CSA Certified
electrical terminations
Meets the standards of independent
safety testing organization:
Underwriters Laboratories, Inc. and
Canadian Standards Association
Provides reliable, high quality electrical terminations
ELECTRICAL GR OUP


Podobny numer części - LCD10-14D-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PANDUIT CORP.
LCD10-14D-L PANDUIT-LCD10-14D-L Datasheet
90Kb / 2P
   Code Conductor, Two-Hole, Standard Barrel with Window Lug
More results

Podobny opis - LCD10-14D-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
   3M??Scotchlok??Copper Compression Lugs,
logo
List of Unclassifed Man...
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4