Zakładka z wyszukiwarką danych komponentów |
|
KSD471A Arkusz danych(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
KSD471A Arkusz danych(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD KSD471A TRANSISTOR (NPN) FEATURES Power dissipation PCM: 0.8 W (Tamb=25 ℃) Collector current ICM: 1 A Collector-base voltage V(BR)CBO: 40 V Operating and storage junction temperature range TJ, Tstg: -55 ℃ to +150℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic=100µA, IE=0 40 V Collector-emitter breakdown voltage V(BR)CEO Ic=10mA, IB=0 30 V Emitter-base breakdown voltage V(BR)EBO Ic=100µA, IB=0 5 V Collector cut-off current ICBO VCB=30V, IE=0 0.1 µA DC current gain hFE VCE=1V, IC=100mA 70 400 Collector-emitter saturation voltage VCE(sat) IC=1A, IB=0.1A 0.5 V Base-emitter saturation voltage VBE(sat) IC=1A, IB=0.1A 1.2 V Transition frequency fT VCE=6V, IE=0, f=1MHz 100 MHz Collecter output capacitance Cob VCE=6V, IE=0, f=1MHz 25 pF CLASSIFICATION OF hFE(1) Rank O Y G Range 70-140 120-240 200 -400 1 2 3 TO-92 1. EMITTER 2. BASE 3. COLLECTOR KSD471A Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
Podobny numer części - KSD471A |
|
Podobny opis - KSD471A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |