Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12D1000CIUT Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12D1000CIUT
Szczegółowy opis  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1000CIUT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADC12D1000CIUT Datasheet HTML 5Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 9Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 10Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 11Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 12Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
VA
GND
GND
VA
100 k:
ADC12D1000, ADC12D1600
www.ti.com
SNAS480M – MAY 2010 – REVISED MARCH 2013
Table 2. Control and Status Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
Serial Data-In. In ECM, serial data is shifted into
B4
SDI
the device on this pin while SCS signal is asserted
(logic-low).
Serial Data-Out. In ECM, serial data is shifted out
of the device on this pin while SCS signal is
A3
SDO
asserted (logic-low). This output is at TRI-STATE
when SCS is de-asserted.
Do Not Connect. These pins are used for internal
D1, D7, E3, F4,
DNC
NONE
purposes and should not be connected, i.e. left
W3, U7
floating. Do not ground.
Not Connected. This pin is not bonded and may
C7
NC
NONE
be left floating or connected to any potential.
Table 3. Power and Ground Balls
Ball No.
Name
Equivalent Circuit
Description
A2, A6, B6, C6,
D8, D9, E1, F1,
Power Supply for the Analog circuitry. This supply
H4, N4, R1, T1,
VA
NONE
is tied to the ESD ring. Therefore, it must be
U8, U9, W6, Y2,
powered up before or with any other supply.
Y6
G1, G3, G4, H2,
J3, K3, L3, M3,
Power Supply for the Track-and-Hold and Clock
VTC
NONE
N2, P1, P3, P4,
circuitry.
R3, R4
A11, A15, C18,
D11, D15, D17,
J17, J20, R17,
VDR
NONE
Power Supply for the Output Drivers.
R20, T17, U11,
U15, U16, Y11,
Y15
A8, B9, C8, V8,
VE
NONE
Power Supply for the Digital Encoder.
W9, Y8
Bias Voltage I-channel. This is an externally
decoupled bias voltage for the I-channel. Each pin
J4, K2
VbiasI
NONE
should individually be decoupled with a 100 nF
capacitor via a low resistance, low inductance
path to GND.
Bias Voltage Q-channel. This is an externally
decoupled bias voltage for the Q-channel. Each
L2, M4
VbiasQ
NONE
pin should individually be decoupled with a 100 nF
capacitor via a low resistance, low inductance
path to GND.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12D1000 ADC12D1600


Podobny numer części - ADC12D1000CIUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI1-ADC12D1000CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1000CIUT/NOPB TI1-ADC12D1000CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Podobny opis - ADC12D1000CIUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com