Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC083000CIYB Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADC083000CIYB
Szczegółowy opis  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC083000CIYB Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC083000CIYB Datasheet HTML 1Page - Texas Instruments ADC083000CIYB Datasheet HTML 2Page - Texas Instruments ADC083000CIYB Datasheet HTML 3Page - Texas Instruments ADC083000CIYB Datasheet HTML 4Page - Texas Instruments ADC083000CIYB Datasheet HTML 5Page - Texas Instruments ADC083000CIYB Datasheet HTML 6Page - Texas Instruments ADC083000CIYB Datasheet HTML 7Page - Texas Instruments ADC083000CIYB Datasheet HTML 8Page - Texas Instruments ADC083000CIYB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
GND
VA
200k
8 pF
VCMO
AC
Couple
Enable
VA
AGND
VA
AGND
100
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
ADC083000
www.ti.com
SNAS358N – JUNE 2006 – REVISED JULY 2009
Pin Descriptions and Equivalent Circuits (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Sampling Clock Input
(Input):LVDS The differential clock signal must be a.c. coupled to
10
CLK+
these pins. The input signal is sampled on both the rising and
11
CLK-
falling edge of CLK. See Acquiring the Input for a description of
acquiring the input and THE SAMPLE CLOCK INPUT for an
overview of the clock inputs.
Signal Input
(Input):Analog The differential full-scale input range is 600 mVP-P
18
VIN+
when the FSR pin is low, or 820 mVP-P when the FSR pin is high.
19
VIN
In the Extended Control Mode, FSR is determined by the Full-Scale
Voltage Adjust register (address 3h, bits 15:7).
Sample Clock Reset
(Input):LVDS A positive differerntial pulse on these pins is used to
reset and synchronize the DCLK outs of multiple converters. See
22
DCLK_RST+
MULTIPLE ADC SYNCHRONIZATION for detailed description.
23
DCLK_RST-
When bit 14 in the Configuration Register (address 1h) is set to 1b,
these differential DCLK_RST pins are selected. See also pin 15
description.
Common Mode Voltage
(Output):Analog - The voltage output at this pin is required to be
the common mode input voltage at VIN+ and VIN− when d.c.
7
VCMO
coupling is used. This pin should be grounded when a.c. coupling
is used at the analog input. This pin is capable of sourcing or
sinking 100
μA and can drive a load up to 80 pF. See THE
ANALOG INPUT.
Bandgap Output Voltage
31
VBG
(Output):Analog - Capable of 100
μA source/sink and can drive a
load up to 80 pF.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC083000


Podobny numer części - ADC083000CIYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB/NOPB TI1-ADC083000CIYB/NOPB Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Podobny opis - ADC083000CIYB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com