Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7835E2K5 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS7835E2K5
Szczegółowy opis  12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7835E2K5 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7835E2K5 Datasheet HTML 1Page - Texas Instruments ADS7835E2K5 Datasheet HTML 2Page - Texas Instruments ADS7835E2K5 Datasheet HTML 3Page - Texas Instruments ADS7835E2K5 Datasheet HTML 4Page - Texas Instruments ADS7835E2K5 Datasheet HTML 5Page - Texas Instruments ADS7835E2K5 Datasheet HTML 6Page - Texas Instruments ADS7835E2K5 Datasheet HTML 7Page - Texas Instruments ADS7835E2K5 Datasheet HTML 8Page - Texas Instruments ADS7835E2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
ADS7835
®
TYPICAL PERFORMANCE CURVES
At TA = +25°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
0
60
80
100
–40
–20
20
Temperature (
°C)
CHANGE IN FULL-SCALE ERRORS
vs TEMPERATURE
1.0
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
40
Positive Full-Scale Error
Negative Full-Scale Error
CHANGE IN BIPOLAR OFFSET ERROR
vs TEMPERATURE
–40
100
–20
0
20
40
Temperature (
°C)
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
470
460
450
440
430
420
410
400
390
60
80
SUPPLY CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
60
80
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
f
SAMPLE
= 500kHz
f
SAMPLE
= 125kHz
SUPPLY CURRENT vs SAMPLE RATE
100
200
300
400
500
600
700
Sample Rate (kHz)
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
CHANGE IN INTEGRAL and DIFFERENTIAL LINEARITY
vs SAMPLE RATE
0
100
200
300
400
500
600
700
Sample Rate (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
Change in Differential
Linearity (LSB)
Change in Integral
Linearity (LSB)


Podobny numer części - ADS7835E2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7835E2K5 TI1-ADS7835E2K5 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E2K5G4 TI1-ADS7835E2K5G4 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7835E2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com