Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8320EB2K5 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS8320EB2K5
Szczegółowy opis  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB2K5 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS8320EB2K5 Datasheet HTML 1Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 2Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 3Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 4Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 5Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 6Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 7Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 8Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ADS8320
5
SBAS108D
www.ti.com
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
INTEGRAL LINEARITY ERROR vs CODE (+25
°C)
2 0
1.0
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
0000
H
8000
H
C000
H
4000
H
FFFF
H
Hex Code
DIFFERENTIAL LINEARITY ERROR vs CODE (+25
°C)
3.0
2.0
1.0
0.0
–1.0
–2.0
–3.0
0000
H
8000
H
C000
H
4000
H
FFFF
H
Hex Code
SUPPLY CURRENT vs TEMPERATURE
1200
1000
800
600
400
200
0
–50
–25
0
25
50
75
100
Temperature (
°C)
2.7V
5V
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
600
500
400
300
200
100
0
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
QUIESCENT CURRENT vs V
CC
1200
1000
800
600
400
200
12345
V
CC (V)
MAXIMUM SAMPLE RATE vs V
CC
1000
100
10
1
12345
V
CC (V)


Podobny numer części - ADS8320EB2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8320EB BURR-BROWN-ADS8320EB Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB/250 TI1-ADS8320EB/250 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/250G4 TI1-ADS8320EB/250G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5 TI1-ADS8320EB/2K5 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5G4 TI1-ADS8320EB/2K5G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8320EB2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com