Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8320EB2K5 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS8320EB2K5
Szczegółowy opis  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8320EB2K5 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS8320EB2K5 Datasheet HTML 3Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 4Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 5Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 6Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 7Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 8Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 9Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 10Page - Texas Instruments ADS8320EB2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ADS8320
7
SBAS108D
www.ti.com
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
TOTAL HARMONIC DISTORTION vs FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
50
100
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION) vs INPUT LEVEL
90
80
70
60
50
40
30
20
–40
–35
–30
–25
–20
–15
–10
–50
Input Level (dB)
REFERENCE CURRENT vs SAMPLE RATE
70
60
50
40
30
20
10
0
0
20
40
60
80
100
Sample Rate (kHz)
5V
2.7V
REFERENCE CURRENT vs TEMPERATURE
70
60
50
40
30
20
10
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
2.7V
SPURIOUS-FREE DYNAMIC RANGE AND
SIGNAL-TO-NOISE RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
50
Frequency (kHz)
Signal-to-Noise Ratio
Spurious-Free Dynamic Range


Podobny numer części - ADS8320EB2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8320EB BURR-BROWN-ADS8320EB Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB/250 TI1-ADS8320EB/250 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/250G4 TI1-ADS8320EB/250G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5 TI1-ADS8320EB/2K5 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB/2K5G4 TI1-ADS8320EB/2K5G4 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8320EB2K5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com