Zakładka z wyszukiwarką danych komponentów |
|
AD8116JST Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD8116JST Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 29 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD8116 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2001 FUNCTIONAL BLOCK DIAGRAM AD8116 SWITCH MATRIX OUTPUT BUFFER 80 80 256 PARALLEL LATCH DECODE 16 5:16 DECODERS 16 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 CLK DATA IN UPDATE CE RESET 16 INPUTS CLK DATA OUT UPDATE CE RESET 16 OUTPUTS 80-BIT SHIFT REG. 200 MHz, 16 16 Buffered Video Crosspoint Switch FREQUENCY – Hz 4 3 –4 100k 1G 1M 10M 100M 0 –1 –2 –3 2 1 0.5 0.4 –0.3 0 –0.1 –0.2 0.3 0.2 0.1 2V p-p 200mV p-p FLATNESS RL = 50 200mV p-p 2V p-p Figure 1. Frequency Response FEATURES Large 16 16 High Speed Nonblocking Switch Array Switch Array Controllable via an 80-Bit Serial Word Serial Data Out Allows “Daisy Chaining” of Multiple AD8116s to Create Large Switch Arrays Over 256 256 Complete Solution Buffered Inputs 16 Individual Output Amplifiers Drives 150 Loads Excellent Video Performance 60 MHz 0.1 dB Gain Flatness 0.01% Differential Gain Error (RL = 150 ) 0.01 Differential Phase Error (RL = 150 ) Excellent AC Performance 200 MHz –3 dB Bandwidth 300 V/ s Slew Rate Low Power of 900 mW (3.5 mW per Point) Low All Hostile Crosstalk of –70 dB @ 5 MHz Output Disable Allows Direct Connection of Multiple Device Outputs Chip Enable Allows Selection of Individual AD8116s in Large Arrays (or Parallel Programming of AD8116s) Reset Pin Allows Disabling of All Outputs (Connected Through a Capacitor to Ground Provides “Power- On” Reset Capability) 128-Lead LQFP Package (14 mm 14 mm) APPLICATIONS Routing of High Speed Signals Including: Composite Video (NTSC, PAL, S, SECAM, etc.) Component Video (YUV, RGB, etc.) 3-Level Digital (HDB3) Video on Demand Ultrasound Communication Satellites PRODUCT DESCRIPTION The AD8116 is a high speed 16 × 16 video crosspoint switch matrix. It offers a –3 dB signal bandwidth greater than 200 MHz and channel switch times of 60 ns with 0.1% settling. With –70 dB of crosstalk and –105 dB of isolation (@ 5 MHz), the AD8116 is useful in many high speed applications. The differential gain and differential phase errors of better than 0.01% and 0.01 °, respectively, along with 0.1 dB flatness out to 60 MHz make the AD8116 ideal for video signal switching. The AD8116 includes output buffers that can be placed into a high impedance state for paralleling crosspoint outputs so that off channels do not load the output bus. It operates on voltage supplies of ±5 V while consuming only 90 mA of idle current. The channel switching is performed via a serial digital control that can accommodate “daisy chaining” of several devices. The AD8116 is packaged in a 128-lead LQFP package occupy- ing only 0.36 square inches, and is specified over the commer- cial temperature range of 0 °C to 70°C. |
Podobny numer części - AD8116JST |