Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9224-EB Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9224-EB
Szczegółowy opis  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9224-EB Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9224-EB Datasheet HTML 7Page - Analog Devices AD9224-EB Datasheet HTML 8Page - Analog Devices AD9224-EB Datasheet HTML 9Page - Analog Devices AD9224-EB Datasheet HTML 10Page - Analog Devices AD9224-EB Datasheet HTML 11Page - Analog Devices AD9224-EB Datasheet HTML 12Page - Analog Devices AD9224-EB Datasheet HTML 13Page - Analog Devices AD9224-EB Datasheet HTML 14Page - Analog Devices AD9224-EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9224
–11–
REV. A
Table I. Analog Input Configuration Summary
Input
Input
Input Range (V)
Figure
Connection
Coupling
Span (V)
VINA
1
VINB
1
#
Comments
Single-Ended
DC
2
0 to 2
1
19, 20
Best for stepped input response applications, requires
±5 V op amp.
2
× VREF
0 to
VREF
19, 20
Same as above but with improved noise performance due to
2
× VREF
increase in dynamic range. Headroom/settling time require-
ments of
±5 op amp should be evaluated.
4
0 to 4
2.0
19, 20
Optimum noise performance, excellent SNR performance, often
requires low distortion op amp with VCC > +5 V due to its head-
room issues.
2
× VREF
2.0 – VREF
2.0
30
Optimum THD performance with VREF = 1. Single supply
to
operation (i.e., +5 V) for many op amps.
2.0 + VREF
Single-Ended
AC
2 or
0 to 1 or
1 or VREF
21, 22
2
× VREF
0 to 2
× VREF
4
0.5 to 4.5
2.5
22
Optimum noise performance, excellent THD performance,
ability to use
±5 V op amp.
2
× VREF
2.0 – VREF
2.0
21
Flexible input range, Optimum THD performance with
to
VREF = 1. Ability to use either +5 V or
±5 V op amp.
2.0 + VREF
Differential
AC/DC
2
2 to 3
3 to 2
23, 24
Optimum full-scale THD and SFDR performance well beyond
(via Transformer)
the A/Ds Nyquist frequency. Preferred mode for undersampling
or Amplifier
applications.
2
× VREF
2.0 – VREF/2
2.0 + VREF/2
23, 24
Same as above with the exception that full-scale THD and SFDR
to
to
performance can be traded off for better noise performance.
2.0 + VREF/2
2.0 – VREF/2
4.0
1.5 to 3.5
3.5 to 1.5
23, 24
Optimum noise performance.
NOTE
1VINA and VINB can be interchanged if signal inversion is required.
Table II. Reference Configuration Summary
Reference
Input Span (VINA–VINB)
Operating Mode
(V p-p)
Required VREF (V)
Connect
To
INTERNAL
2
1
SENSE
VREF
INTERNAL
4
2
SENSE
REFCOM
INTERNAL
2
≤ SPAN ≤ 4 AND
1
≤ VREF ≤ 2.0 AND
R1
VREF AND SENSE
SPAN = 2
× VREF
VREF = (1 + R1/R2)
R2
SENSE AND REFCOM
EXTERNAL
2
≤ SPAN ≤ 41 ≤ VREF ≤ 2.0
SENSE
AVDD
(NONDYNAMIC)
VREF
EXT. REF.
EXTERNAL
2
≤ SPAN ≤ 4
CAPT and CAPB
SENSE
AVDD
(DYNAMIC)
Externally Driven
VREF
AVSS
EXT. REF.
CAPT
EXT. REF.
CAPB


Podobny numer części - AD9224-EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9224-EB AD-AD9224-EB Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
More results

Podobny opis - AD9224-EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com