Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9629-65EBZ1 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9629-65EBZ1
Szczegółowy opis  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9629-65EBZ1 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9629-65EBZ1 Datasheet HTML 6Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 7Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 8Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 9Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 10Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 11Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 12Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 13Page - Analog Devices AD9629-65EBZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9629
Rev. 0 | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CLK+
2
CLK–
3
AVDD
4
CSB
5
SCLK/DFS
6
SDIO/PDWN
7
NC
8
NC
24 AVDD
23 MODE/OR
22 DCO
21 D11 (MSB)
20 D10
19 D9
18 D8
17 D7
TOP VIEW
(Not to Scale)
AD9629
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO
THE PCB GROUND TO ENSURE PROPER HEAT DISSIPATION,
NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 3. Pin Configuration
Table 8. Pin Function Description
Pin No.
Mnemonic
Description
0 (EPAD)
GND
Exposed Paddle. The exposed paddle is the only ground connection. It must be soldered to the analog
ground of the customer’s PCB to ensure proper functionality and maximize heat dissipation, noise, and
mechanical strength benefits.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3, 24, 29, 32
AVDD
1.8 V Supply Pin for ADC Core Domain.
4
CSB
SPI Chip Select. Active low enable. 30 kΩ internal pull-up.
5
SCLK/DFS
SPI Clock Input in SPI Mode (SCLK). 30 kΩ internal pull-down.
Data Format Select in Non-SPI Mode (DFS). Static control of data output format. 30 kΩ internal pull-down.
DFS high = twos complement output; DFS low = offset binary output.
6
SDIO/PDWN
SPI Data Input/Output (SDIO). Bidirectional SPI data I/O in SPI mode. 30 kΩ internal pull-down.
Non-SPI Mode Power-Down (PDWN). Static control of power-down with 30 kΩ internal pull-down. See
Table 14 for details.
7, 8
NC
Do Not Connect.
9 to 12, 14 to 21
D0 (LSB) to
D11 (MSB)
ADC Digital Outputs.
13
DRVDD
1.8 V to 3.3 V Supply Pin for Output Driver Domain.
22
DCO
Data Clock Digital Output.
23
MODE/OR
Chip Mode Select Input or Out-of-Range (OR) Digital Output in SPI Mode.
Default = out-of-range (OR) digital output (SPI Register 0x2A[0] = 1).
Option = chip mode select input (SPI Register 0x2A[0] = 0).
Chip power down (SPI Register 0x08[7:5] = 100b).
Chip standby (SPI Register 0x08[7:5] = 101b).
Normal operation, output disabled (SPI Register 0x08[7:5] = 110b).
Normal operation, output enabled (SPI Register 0x08[7:5] = 111b).
Out-of-Range (OR) digital output only in non-SPI mode.
25
VREF
1.0 V Voltage Reference Input/Output. See Table 10.
26
SENSE
Reference Mode Selection. See Table 10.
27
VCM
Analog Output Voltage at Mid AVDD Supply. Sets common mode of the analog inputs.
28
RBIAS
Sets Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
30, 31
VIN−, VIN+
ADC Analog Inputs.


Podobny numer części - AD9629-65EBZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9629-65EBZ AD-AD9629-65EBZ Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Podobny opis - AD9629-65EBZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com