Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4665-2ARZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADA4665-2ARZ-RL
Szczegółowy opis  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADA4665-2ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 11Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 12Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 13Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 14Page - Analog Devices ADA4665-2ARZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4665-2
Rev. 0 | Page 11 of
20
TA = 25°C, unless otherwise noted.
VSY = 5V
RL = 2kΩ
CL = 10pF
TIME (100µs/DIV)
VSY = 16V
RL = 2kΩ
CL = 10pF
TIME (100µs/DIV)
Figure 33. Large Signal Transient Response
Figure 36. Large Signal Transient Response
VSY = 5V
RL = 2kΩ
CL = 10pF
VSY = 16V
RL = 2kΩ
CL = 10pF
TIME (100µs/DIV)
TIME (100µs/DIV)
Figure 34. Small Signal Transient Response
Figure 37. Small Signal Transient Response
VSY = ±2.5V
50
0
–50
–100
2
3
1
0
TIME (20µs/DIV)
–1
INPUT
OUTPUT
Figure 35. Positive Overload Recovery
VSY = ±8V
50
0
–50
–100
10
5
0
–5
INPUT
OUTPUT
TIME (20µs/DIV)
Figure 38. Positive Overload Recovery


Podobny numer części - ADA4665-2ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4665-2ARZ-RL1 AD-ADA4665-2ARZ-RL1 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
More results

Podobny opis - ADA4665-2ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
logo
Texas Instruments
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
[Old version datasheet]   16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com