Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM693AARN Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADM693AARN
Szczegółowy opis  Microprocessor Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM693AARN Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADM693AARN Datasheet HTML 4Page - Analog Devices ADM693AARN Datasheet HTML 5Page - Analog Devices ADM693AARN Datasheet HTML 6Page - Analog Devices ADM693AARN Datasheet HTML 7Page - Analog Devices ADM693AARN Datasheet HTML 8Page - Analog Devices ADM693AARN Datasheet HTML 9Page - Analog Devices ADM693AARN Datasheet HTML 10Page - Analog Devices ADM693AARN Datasheet HTML 11Page - Analog Devices ADM693AARN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM691A/ADM693A/ADM800L/M
–11–
REV. 0
RAM Write Protection
The CEOUT line drives the Chip Select inputs of the CMOS
RAM. CEOUT follows CEIN as long as VCC is above the reset
threshold. If VCC falls below the reset threshold, CEOUT goes
high, independent of the logic level at CEIN. This prevents the
microprocessor from writing erroneous data into RAM during
power-up, power-down, brownouts and momentary power in-
terruptions. The LOW LINE output goes low when VCC falls
below the reset threshold.
Watchdog Timer
The microprocessor drives the WATCHDOG INPUT (WDI)
with an I/O line. When OSC IN and OSC SEL are uncon-
nected, the microprocessor must toggle the WDI pin once every
1.6 seconds to verify proper software execution. If a hardware or
software failure occurs such that WDI not toggled a 200 ms
RESET
pulse will be generated after 1.6 seconds. This typi-
cally restarts the microprocessor’s power-up routine. A new
RESET
pulse is issued every 1.6 seconds until WDI is again
strobed.
The WATCHDOG OUTPUT (WDO) goes low if the watch-
dog timer is not serviced within its timeout period. Once WDO
goes low it remains low until a transition occurs at WDI. The
watchdog timer feature can be disabled by leaving WDI uncon-
nected. OSC IN and OSC SEL also allow other watchdog tim-
ing options.
RESET
also goes low if the Watchdog Timer is enabled and
WDI remains either high or low for longer than the watchdog
timeout period.
The RESET output has an internal 1.6 mA pullup, and can ei-
ther connect to an open collector RESET bus or directly drive a
CMOS gate without an external pullup resistor.
3V
BATTERY
0.1µF
0.1µF
OSC IN
OSC SEL
GND
PFI
NC
0.1µF
RESET
WDO
LOW LINE
SYSTEM STATUS
INDICATORS
RESET
PFO
WDI
CEIN
CEOUT
VBATT
R2
R1
CMOS
RAM
ADDRESS
DECODE
INPUT POWER
+5V
VCC
BATT
ON
VOUT
A0–A15
I/O LINE
NMI
RESET
µP
ADM691A
ADM693A
ADM800L
ADM800M
Figure 24. Typical Application Circuit


Podobny numer części - ADM693AARN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM693AARN AD-ADM693AARN Datasheet
337Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AARN AD-ADM693AARN Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
ADM693AARN AD-ADM693AARN Datasheet
344Kb / 12P
   Microprocessor Supervisory Circuits
REV. 0
More results

Podobny opis - ADM693AARN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com