Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2183KSTZ-160 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADSP-2183KSTZ-160
Szczegółowy opis  DSP Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2183KSTZ-160 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADSP-2183KSTZ-160 Datasheet HTML 6Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 7Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 8Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 9Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 10Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 11Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 12Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 13Page - Analog Devices ADSP-2183KSTZ-160 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADSP-2183
–10–
REV. C
If Go Mode is enabled, the ADSP-2183 will not halt program
execution until it encounters an instruction that requires an
external memory access.
If the ADSP-2183 is performing an external memory access
when the external device asserts the
BR signal, then it will not
three-state the memory interfaces or assert the
BG signal until
the processor cycle after the access completes. The instruction
does not need to be completed when the bus is granted. If a
single instruction requires two external memory accesses, the
bus will be granted between the two accesses.
When the
BR signal is released, the processor releases the BG
signal, reenables the output drivers and continues program
execution from the point where it stopped.
The bus request feature operates at all times, including when
the processor is booting and when
RESET is active.
The
BGH pin is asserted when the ADSP-2183 is ready to
execute an instruction, but is stopped because the external bus
is already granted to another device. The other device can re-
lease the bus by deasserting bus request. Once the bus is re-
leased, the ADSP-2183 deasserts
BG and BGH and executes
the external memory access.
Flag I/O Pins
The ADSP-2183 has eight general purpose programmable in-
put/output flag pins. They are controlled by two memory
mapped registers. The PFTYPE register determines the direc-
tion, 1 = output and 0 = input. The PFDATA register is used to
read and write the values on the pins. Data being read from a
pin configured as an input is synchronized to the ADSP-2183’s
clock. Bits that are programmed as outputs will read the value
being output. The PF pins default to input during reset.
In addition to the programmable flags, the ADSP-2183 has five
fixed-mode flags, FLAG_IN, FLAG_OUT, FL0, FL1 and FL2.
FL0-FL2 are dedicated output flags. FLAG_IN and FLAG_OUT
are available as an alternate configuration of SPORT1.
INSTRUCTION SET DESCRIPTION
The ADSP-2183 assembly language instruction set has an
algebraic syntax that was designed for ease of coding and read-
ability. The assembly language, which takes full advantage of
the processor’s unique architecture, offers the following benefits:
• The algebraic syntax eliminates the need to remember cryptic
assembler mnemonics. For example, a typical arithmetic add
instruction, such as AR = AX0 + AY0, resembles a simple
equation.
• Every instruction assembles into a single, 24-bit word that can
execute in a single instruction cycle.
• The syntax is a superset ADSP-2100 Family assembly lan-
guage and is completely source and object code compatible
with other family members. Programs may need to be relo-
cated to utilize on-chip memory and conform to the ADSP-
2183’s interrupt vector and reset vector map.
• Sixteen condition codes are available. For conditional jump,
call, return or arithmetic instructions, the condition can be
checked and the operation executed in the same instruction
cycle.
• Multifunction instructions allow parallel execution of an
arithmetic instruction with up to two fetches or one write to
processor memory space during a single instruction cycle.
DESIGNING AN EZ-ICE-COMPATIBLE SYSTEM
The ADSP-2183 has on-chip emulation support and an ICE-
Port, a special set of pins that interface to the EZ-ICE. These
features allow in-circuit emulation without replacing the target
system processor by using only a 14-pin connection from the
target system to the EZ-ICE. Target systems must have a 14-pin
connector to accept the EZ-ICE’s in-circuit probe, a 14-pin plug.
The ICE-Port interface consists of the following ADSP-2183 pins:
EBR
EBG
ERESET
EMS
EINT
ECLK
ELIN
ELOUT
EE
These ADSP-2183 pins must be connected only to the EZ-ICE
connector in the target system. These pins have no function
except during emulation, and do not require pull-up or pull-
down resistors. The traces for these signals between the ADSP-
2183 and the connector must be kept as short as possible, no
longer than three inches.
The following pins are also used by the EZ-ICE:
BR
BG
RESET
GND
The EZ-ICE uses the EE (emulator enable) signal to take con-
trol of the ADSP-2183 in the target system. This causes the
processor to use its
ERESET, EBR and EBG pins instead of the
RESET, BR and BG pins. The BG output is three-stated.
These signals do not need to be jumper-isolated in your system.
The EZ-ICE connects to your target system via a ribbon cable
and a 14-pin female plug. The ribbon cable is 10 inches in
length with one end fixed to the EZ-ICE. The female plug is
plugged onto the 14-pin connector (a pin strip header) on the
target board.


Podobny numer części - ADSP-2183KSTZ-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2183KST-115 AD-ADSP-2183KST-115 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-133 AD-ADSP-2183KST-133 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-160 AD-ADSP-2183KST-160 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2183KST-210 AD-ADSP-2183KST-210 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
More results

Podobny opis - ADSP-2183KSTZ-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com