Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF512BSWZ-3 Arkusz danych(PDF) 10 Page - Analog Devices |
|
ADSP-BF512BSWZ-3 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 68 page Rev. B | Page 10 of 68 | January 2011 ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F 10/100 Ethernet MAC The ADSP-BF516/ADSP-BF516F and ADSP- BF518/ADSPBF518F processors offer the capability to directly connect to a network by way of an embedded fast Ethernet media access controller (MAC) that supports both 10-BaseT (10M bits/sec) and 100-BaseT (100M bits/sec) operation. The 10/100 Ethernet MAC peripheral on the processor is fully com- pliant to the IEEE 802.3-2002 standard and it provides programmable features designed to minimize supervision, bus use, or message processing by the rest of the processor system. Some standard features are: • Support of MII and RMII protocols for external PHYs • Full duplex and half duplex modes • Data framing and encapsulation: generation and detection of preamble, length padding, and FCS • Media access management (in half-duplex operation): col- lision and contention handling, including control of retransmission of collision frames and of back-off timing • Flow control (in full-duplex operation): generation and detection of pause frames • Station management: generation of MDC/MDIO frames for read-write access to PHY registers • Operating range for active and sleep operating modes, see Table 43 on Page 45 and Table 44 on Page 46 • Internal loopback from transmit to receive Some advanced features are: • Buffered crystal output to external PHY for support of a single crystal system • Automatic checksum computation of IP header and IP payload fields of Rx frames • Independent 32-bit descriptor-driven receive and transmit DMA channels • Frame status delivery to memory through DMA, including frame completion semaphores for efficient buffer queue management in software • Tx DMA support for separate descriptors for MAC header and payload to eliminate buffer copy operations • Convenient frame alignment modes support even 32-bit alignment of encapsulated receive or transmit IP packet data in memory after the 14-byte MAC header • Programmable Ethernet event interrupt supports any com- bination of: • Selected receive or transmit frame status conditions • PHY interrupt condition • Wakeup frame detected • Selected MAC management counter(s) at half-full • DMA descriptor error • 47 MAC management statistics counters with selectable clear-on-read behavior and programmable interrupts on half maximum value • Programmable receive address filters, including a 64-bin address hash table for multicast and/or unicast frames, and programmable filter modes for broadcast, multicast, uni- cast, control, and damaged frames • Advanced power management supporting unattended transfer of receive and transmit frames and status to/from external memory via DMA during low power sleep mode • System wakeup from sleep operating mode upon magic packet or any of four user-definable wakeup frame filters • Support for 802.3Q tagged VLAN frames • Programmable MDC clock rate and preamble suppression • In RMII operation, seven unused signals may be config- ured as GPIO signals for other purposes IEEE 1588 Support The IEEE 1588 standard is a precision clock synchronization protocol for networked measurement and control systems. The ADSP-BF518/ADSP-BF518F processors include hardware sup- port for IEEE 1588 with an integrated precision time protocol synchronization engine (PTP_TSYNC). This engine provides hardware assisted time stamping to improve the accuracy of clock synchronization between PTP nodes. The main features of the PTP_SYNC engine are: • Support for both IEEE 1588-2002 and IEEE 1588-2008 pro- tocol standards • Hardware assisted time stamping capable of up to 12.5 ns resolution • Lock adjustment • Programmable PTM message support • Dedicated interrupts • Programmable alarm • Multiple input clock sources (SCLK, MII clock, external clock) • Programmable pulse per second (PPS) output • Auxiliary snapshot to time stamp external events Ports Because of the rich set of peripherals, the processors group the many peripheral signals to four ports—port F, port G, port H, and port J. Most of the associated pins/balls are shared by multi- ple signals. The ports function as multiplexer controls. General-Purpose I/O (GPIO) The ADSP-BF51x processors have 40 bidirectional, general- purpose I/O (GPIO) signals allocated across three separate GPIO modules—PORTFIO, PORTGIO, and PORTHIO, associ- ated with Port F, Port G, and Port H, respectively. Each GPIO-capable signal shares functionality with other peripherals via a multiplexing scheme; however, the GPIO functionality is the default state of the device upon power-up. Neither GPIO output nor input drivers are active by default. Each general-pur- pose port signal can be individually controlled by manipulation of the port control, status, and interrupt registers. |
Podobny numer części - ADSP-BF512BSWZ-3 |
|
Podobny opis - ADSP-BF512BSWZ-3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |