Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF512KSWZ-4F4 Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADSP-BF512KSWZ-4F4 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 68 page ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F Rev. B | Page 3 of 68 | January 2011 GENERAL DESCRIPTION The ADSP-BF512/ADSP-BF512F, ADSP-BF514/ADSP- BF514F, ADSP-BF516/ADSP-BF516F, ADSP-BF518/ADSP- BF518F processors are members of the Blackfin ® family of prod- ucts, incorporating the Analog Devices/Intel Micro Signal Architecture (MSA). Blackfin processors combine a dual-MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISC-like microprocessor instruction set, and single-instruction, multiple-data (SIMD) multimedia capabili- ties into a single instruction-set architecture. The processors are completely code compatible with other Blackfin processors. By integrating a rich set of industry-leading system peripherals and memory, Blackfin processors are the platform of choice for next-generation applications that require RISC-like program- mability, multimedia support, and leading-edge signal processing in one integrated package. PORTABLE LOW POWER ARCHITECTURE Blackfin processors provide world-class power management and performance. They are produced with a low power and low voltage design methodology and feature on-chip dynamic power management, which is the ability to vary both the voltage and frequency of operation to significantly lower overall power consumption. This capability can result in a substantial reduc- tion in power consumption, compared with just varying the frequency of operation. This allows longer battery life for portable appliances. SYSTEM INTEGRATION The ADSP-BF51x processors are highly integrated system-on-a- chip solutions for the next generation of embedded network connected applications. By combining industry-standard inter- faces with a high performance signal processing core, cost- effective applications can be developed quickly, without the need for costly external components. The system peripherals include an IEEE-compliant 802.3 10/100 Ethernet MAC with IEEE-1588 support (ADSP-BF518/ADSP-BF518F only), an RSI controller, a TWI controller, two UART ports, two SPI ports, two serial ports (SPORTs), nine general-purpose 32-bit timers (eight with PWM capability), 3-phase PWM for motor control, a real-time clock, a watchdog timer, and a parallel peripheral interface (PPI). BLACKFIN PROCESSOR CORE As shown in Figure 1, the Blackfin processor core contains two 16-bit multipliers, two 40-bit accumulators, two 40-bit ALUs, four video ALUs, and a 40-bit shifter. The computation units process 8-, 16-, or 32-bit data from the register file. The compute register file contains eight 32-bit registers. When performing compute operations on 16-bit operand data, the register file operates as 16 independent 16-bit registers. All operands for compute operations come from the multiported register file and instruction constant fields. Each MAC can perform a 16-bit by 16-bit multiply in each cycle, accumulating the results into the 40-bit accumulators. Signed and unsigned formats, rounding, and saturation are supported. The ALUs perform a traditional set of arithmetic and logical operations on 16-bit or 32-bit data. In addition, many special instructions are included to accelerate various signal processing tasks. These include bit operations such as field extract and pop- ulation count, modulo 232 multiply, divide primitives, saturation and rounding, and sign/exponent detection. The set of video instructions include byte alignment and packing operations, 16-bit and 8-bit adds with clipping, 8-bit average operations, and 8-bit subtract/absolute value/accumulate (SAA) operations. The compare/select and vector search instructions are also provided. Table 1. Processor Comparison Feature IEEE-1588 ––– ––– 1 1 Ethernet MAC – – – – 1111 RSI – – 1 1 1111 TWI 1111 1111 SPORTs 2222 2222 UARTs 2222 2222 SPIs 2222 2222 GP Timers 8888 8888 Watchdog Timers 1111 1111 RTC 1111 1111 PPI 1111 1111 Internal 4 Mbit SPI flash – 1–1 – 1–1 Rotary Counter 1111 1111 3-Phase PWM Pairs 3333 3333 GPIOs 40 40 40 40 40 40 40 40 L1 Instruction SRAM 32K L1 Instruction SRAM/Cache 16K L1 Data SRAM 32K L1 Data SRAM/Cache 32K L1 Scratchpad 4K L3 Boot ROM 32K Maximum Speed Grade 400 MHz Package Options 176-Lead LQFP with Exposed Pad 168-Ball CSP_BGA |
Podobny numer części - ADSP-BF512KSWZ-4F4 |
|
Podobny opis - ADSP-BF512KSWZ-4F4 |