Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2736 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2736
Szczegółowy opis  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2736 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VIN
BOOST
SW
GND
CBOOST
L
D1
D2
D3
VBOOST
VIN
CIN
COUT
VOUT
LM2736
www.ti.com
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
When the NMOS switch turns on (TON), the switch pin rises to
VSW = VIN – (RDSON x IL),
(2)
forcing VBOOST to rise thus reverse biasing D2. The voltage at VBOOST is then
VBOOST = 2VIN – (RDSON x IL) – VFD2 + VFD1
(3)
which is approximately
2VIN - 0.4V
(4)
for many applications. Thus the gate-drive voltage of the NMOS switch is approximately
VIN - 0.2V
(5)
An alternate method for charging CBOOST is to connect D2 to the output as shown in Figure 21. The output
voltage should be between 2.5V and 5.5V, so that proper gate voltage will be applied to the internal switch. In
this circuit, CBOOST provides a gate drive voltage that is slightly less than VOUT.
In applications where both VIN and VOUT are greater than 5.5V, or less than 3V, CBOOST cannot be charged
directly from these voltages. If VIN and VOUT are greater than 5.5V, CBOOST can be charged from VIN or VOUT
minus a zener voltage by placing a zener diode D3 in series with D2, as shown in Figure 22. When using a
series zener diode from the input, ensure that the regulation of the input supply doesn’t create a voltage that falls
outside the recommended VBOOST voltage.
(VINMAX – VD3) < 5.5V
(VINMIN – VD3) > 1.6V
Figure 22. Zener Reduces Boost Voltage from VIN
An alternative method is to place the zener diode D3 in a shunt configuration as shown in Figure 23. A small
350mW to 500mW 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C4) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1 µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time.
Resistor R3 should be chosen to provide enough RMS current to the zener diode (D3) and to the BOOST pin. A
recommended choice for the zener current (IZENER) is 1 mA. The current IBOOST into the BOOST pin supplies the
gate current of the NMOS control switch and varies typically according to the following formula for the X -
version:
IBOOST = 0.49 x (D + 0.54) x (VZENER – VD2) mA
(6)
IBOOST can be calculated for the Y version using the following:
IBOOST = 0.20 x (D + 0.54) x (VZENER - VD2) µA
(7)
where D is the duty cycle, VZENER and VD2 are in volts, and IBOOST is in milliamps. VZENER is the voltage applied to
the anode of the boost diode (D2), and VD2 is the average forward voltage across D2. Note that this formula for
IBOOST gives typical current. For the worst case IBOOST, increase the current by 40%. In that case, the worst case
boost current will be
IBOOST-MAX = 1.4 x IBOOST
(8)
R3 will then be given by
R3 = (VIN - VZENER) / (1.4 x IBOOST + IZENER)
(9)
For example, using the X-version let VIN = 10V, VZENER = 5V, VD2 = 0.7V, IZENER = 1mA, and duty cycle D = 50%.
Then
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2736


Podobny numer części - LM2736

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736X TI-LM2736X Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results

Podobny opis - LM2736

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com