Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2736 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2736
Szczegółowy opis  LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2736 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VIN
BOOST
SW
GND
L
D1
D2
D3
R3
C4
VBOOST
CBOOST
VZ
VIN
CIN
COUT
VOUT
LM2736
SNVS316F – SEPTEMBER 2004 – REVISED APRIL 2013
www.ti.com
IBOOST = 0.49 x (0.5 + 0.54) x (5 - 0.7) mA = 2.19mA
(10)
R3 = (10V - 5V) / (1.4 x 2.19mA + 1mA) = 1.23k
(11)
Figure 23. Boost Voltage Supplied from the Shunt Zener on VIN
ENABLE PIN / SHUTDOWN MODE
The LM2736 has a shutdown mode that is controlled by the enable pin (EN). When a logic low voltage is applied
to EN, the part is in shutdown mode and its quiescent current drops to typically 30nA. Switch leakage adds
another 40nA from the input supply. The voltage at this pin should never exceed VIN + 0.3V.
SOFT-START
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error amplifier’s
reference voltage ramps from 0V to its nominal value of 1.25V in approximately 200µs. This forces the regulator
output to ramp up in a more linear and controlled fashion, which helps reduce inrush current.
OUTPUT OVERVOLTAGE PROTECTION
The overvoltage comparator compares the FB pin voltage to a voltage that is 10% higher than the internal
reference Vref. Once the FB pin voltage goes 10% above the internal reference, the internal NMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
UNDERVOLTAGE LOCKOUT
Undervoltage lockout (UVLO) prevents the LM2736 from operating until the input voltage exceeds 2.74V(typ).
The UVLO threshold has approximately 440mV of hysteresis, so the part will operate until VIN drops below
2.3V(typ). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
CURRENT LIMIT
The LM2736 uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle, a
current limit comparator detects if the output switch current exceeds 1.5A (typ), and turns off the switch until the
next switching cycle begins.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2736


Podobny numer części - LM2736

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736X TI-LM2736X Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results

Podobny opis - LM2736

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com