Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2750LD-5.0 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM2750LD-5.0
Szczegółowy opis  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2750LD-5.0 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2750LD-5.0 Datasheet HTML 5Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 6Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 7Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 8Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 9Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 10Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 11Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 12Page - Texas Instruments LM2750LD-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
COUT
CFLY
FLY
SW
SW
OUT
ESR
ESR
4
C
F
1
R
2
R
˜
u
˜
Reg
V '
2×V '
ROUT
VIN
VOUT
LM2750
Output Resistance Model
LM2750
www.ti.com
SNVS180L – APRIL 2002 – REVISED MAY 2013
SOFT START
The LM2750 employs soft start circuitry to prevent excessive input inrush currents during startup. The output
voltage is programmed to rise from 0V to the nominal output voltage (5.0V) in 500µs (typ.). Soft-start is engaged
when a part, with input voltage established, is taken out of shutdown mode by pulling the SD pin voltage high.
Soft-start will also engage when voltage is established simultaneously to the input and SD pins.
OUTPUT CURRENT CAPABILITY
The LM2750-5.0 provides 120mA of output current when the input voltage is within 2.9V-to-5.6V. Using the
LM2750 to drive loads in excess of 120mA is possible. IMPORTANT NOTE: Understanding relevant application
issues is recommended and a thorough analysis of the application circuit should be performed when using the
part outside operating ratings and/or specifications to ensure satisfactory circuit performance in the application.
Special care should be paid to power dissipation and thermal effects. These parameters can have a dramatic
impact on high-current applications, especially when the input voltage is high. (see the POWER EFFICIENCY
AND POWER DISSIPATION section, to come).
The schematic of Figure 13 is a simplified model of the LM2750 that is useful for evaluating output current
capability. The model shows a linear pre-regulation block (Reg), a voltage doubler (2×), and an output resistance
(ROUT). Output resistance models the output voltage droop that is inherent to switched capacitor converters. The
output resistance of the LM2750 is 5
Ω (typ.), and is approximately equal to twice the resistance of the four
LM2750 switches. When the output voltage is in regulation, the regulator in the model controls the voltage V' to
keep the output voltage equal to 5.0V ± 4%. With increased output current, the voltage drop across ROUT
increases. To prevent droop in output voltage, the voltage drop across the regulator is reduced, V' increases, and
VOUT remains at 5V. When the output current increases to the point that there is zero voltage drop across the
regulator, V' equals the input voltage, and the output voltage is "on the edge" of regulation. Additional output
current causes the output voltage to fall out of regulation, and the LM2750 operation is similar to a basic open-
loop doubler. As in a voltage doubler, increase in output current results in output voltage drop proportional to the
output resistance of the doubler. The out-of-regulation LM2750 output voltage can be approximated by:
VOUT= 2×VIN - IOUT × ROUT
Again, this equation only applies at low input voltage and high output current where the LM2750 is not regulating.
See Output Current vs. Output Voltage curves in the Typical Performance Characteristics section for more
details.
Figure 13. LM2750 Output Resistance Model
A more complete calculation of output resistance takes into account the effects of switching frequency, flying
capacitance, and capacitor equivalent series resistance (ESR). This equation is shown below:
Switch resistance (5
Ω typ.) dominates the output resistance equation of the LM2750. With a 1.7MHz typical
switching frequency, the 1/(F×C) component of the output resistance contributes only 0.6
Ω to the total output
resistance. Increasing the flying capacitance will only provide minimal improvement to the total output current
capability of the LM2750. In some applications it may be desirable to reduce the value of the flying capacitor
below 1µF to reduce solution size and/or cost, but this should be done with care so that output resistance does
not increase to the point that undesired output voltage droop results. If ceramic capacitors are used, ESR will be
a negligible factor in the total output resistance, as the ESR of quality ceramic capacitors is typically much less
than 100m
Ω.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2750


Podobny numer części - LM2750LD-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LD-5.0/NOPB TI1-LM2750LD-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Podobny opis - LM2750LD-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com