Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3445MX Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LM3445MX
Szczegółowy opis  Triac Dimmable Offline LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3445MX Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM3445MX Datasheet HTML 2Page - Texas Instruments LM3445MX Datasheet HTML 3Page - Texas Instruments LM3445MX Datasheet HTML 4Page - Texas Instruments LM3445MX Datasheet HTML 5Page - Texas Instruments LM3445MX Datasheet HTML 6Page - Texas Instruments LM3445MX Datasheet HTML 7Page - Texas Instruments LM3445MX Datasheet HTML 8Page - Texas Instruments LM3445MX Datasheet HTML 9Page - Texas Instruments LM3445MX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
VBUCK (V)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
3 LEDs
5 LEDs
7 LEDs
9 LEDs
Series
connected LEDs
LEADING EDGE BLANKING (ns)
15.0
10.0
5.0
0.0
80
100
120
140
160
180
Room (25°C)
Hot (125°C)
Cold (-40°C)
100 units tested
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Normalized Variation in fSW over VBUCK Voltage
Leading Edge Blanking Variation Over Temperature
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445


Podobny numer części - LM3445MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3445MX NSC-LM3445MX Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MX TI1-LM3445MX Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445MX/NOPB TI1-LM3445MX/NOPB Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
More results

Podobny opis - LM3445MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com