Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6626TR1PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF6626TR1PBF
Szczegółowy opis  RoHs Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6626TR1PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF6626TR1PBF Datasheet HTML 1Page - International Rectifier IRF6626TR1PBF Datasheet HTML 2Page - International Rectifier IRF6626TR1PBF Datasheet HTML 3Page - International Rectifier IRF6626TR1PBF Datasheet HTML 4Page - International Rectifier IRF6626TR1PBF Datasheet HTML 5Page - International Rectifier IRF6626TR1PBF Datasheet HTML 6Page - International Rectifier IRF6626TR1PBF Datasheet HTML 7Page - International Rectifier IRF6626TR1PBF Datasheet HTML 8Page - International Rectifier IRF6626TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6626PbF
2
www.irf.com
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.0
5.4
m
–––
5.2
7.1
VGS(th)
Gate Threshold Voltage
1.35
–––
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
64
–––
–––
S
Qg
Total Gate Charge
–––
19
29
Qgs1
Pre-Vth Gate-to-Source Charge
–––
5.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.6
–––
nC
Qgd
Gate-to-Drain Charge
–––
6.7
Qgodr
Gate Charge Overdrive
–––
5.5
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.3
–––
Qoss
Output Charge
–––
13
–––
nC
RG
Gate Resistance
–––
–––
1.5
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
15
–––
td(off)
Turn-Off Delay Time
–––
17
–––
ns
tf
Fall Time
–––
4.5
–––
Ciss
Input Capacitance
–––
2380
–––
Coss
Output Capacitance
–––
530
–––
pF
Crss
Reverse Transfer Capacitance
–––
260
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
52
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
130
(Body Diode)
e
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
15
23
ns
Qrr
Reverse Recovery Charge
–––
5.4
8.1
nC
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 13A
Conditions
See Fig. 16 & 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 16V, VGS = 4.5V
i
VDS = 15V
VGS = 4.5V, ID = 13A
i
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 16A
i
TJ = 25°C, IF = 13A
di/dt = 100A/µs
i See Fig. 18
TJ = 25°C, IS = 13A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
ID = 13A
VGS = 0V
VDS = 15V
ID = 13A
VDS = 24V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V


Podobny numer części - IRF6626TR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
   RoHS compliant containing no lead or bromide
More results

Podobny opis - IRF6626TR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com