Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8852TRPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF8852TRPBF
Szczegółowy opis   Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8852TRPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF8852TRPBF Datasheet HTML 1Page - International Rectifier IRF8852TRPBF Datasheet HTML 2Page - International Rectifier IRF8852TRPBF Datasheet HTML 3Page - International Rectifier IRF8852TRPBF Datasheet HTML 4Page - International Rectifier IRF8852TRPBF Datasheet HTML 5Page - International Rectifier IRF8852TRPBF Datasheet HTML 6Page - International Rectifier IRF8852TRPBF Datasheet HTML 7Page - International Rectifier IRF8852TRPBF Datasheet HTML 8Page - International Rectifier IRF8852TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8852PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
9.2
11.3
–––
12.5
15.4
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
19
–––
–––
S
Qg
Total Gate Charge
–––
9.5
–––
nC
Qg
Total Gate Charge
–––
17.4
26.1
Qgs
Gate-to-Source Charge
–––
3.1
–––
Qgd
Gate-to-Drain Charge
–––
2.9
–––
RG
Gate Resistance
–––
2.8
–––
td(on)
Turn-On Delay Time
–––
11.4
–––
tr
Rise Time
–––
10.9
–––
td(off)
Turn-Off Delay Time
–––
70.8
–––
tf
Fall Time
–––
28.9
–––
Ciss
Input Capacitance
–––
1151
–––
Coss
Output Capacitance
–––
295
–––
Crss
Reverse Transfer Capacitance
–––
134
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
17
26
nC
m
A
pF
ns
nC
–––
62.4
–––
–––
–––
–––
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 7.8A e
VDD = 13V, VGS = 10V
e
ID = 1.0A
VGS = 20V
VGS = -20V
ID = 7.8A
VDS = 20V, VGS = 0V
VGS = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 1.3A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 20V, VGS = 0V, TJ = 70°C
nA
µA
TJ = 25°C, IF = 1.3A, VDD = 20V
ƒ = 1.0MHz
ID = 7.8A,VDS= 13V, VGS = 4.5V
1.3
MOSFET symbol
Conditions
VGS = 4.5V, ID = 6.2A
e
VDS = 13V
Typ.
–––
VDS = VGS, ID = 25µA
RD =13 Ω
VDS = 10V, ID = 7.8A
RG =30 Ω
Max.
6.5
7.8
VGS = 0V
VDS = 20V


Podobny numer części - IRF8852TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF8010 IRF-IRF8010 Datasheet
494Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRF8010 ISC-IRF8010 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010L IRF-IRF8010L Datasheet
223Kb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRF8010L ISC-IRF8010L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010LPBF IRF-IRF8010LPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com