Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS33002 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części TS33002
Szczegółowy opis  High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TS33002 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  TS33002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
- 5 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33001/2
Version 1.3
CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VCC = 5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
Input Supply Voltage
2.375
5.5
V
ICC-NORM
Quiescent current
Normal Mode
VCC = 5V, ILOAD = 0A, EN=5V, nLP=5V
18
mA
ICC-LPM
Quiescent current Low Power
PFM Mode
VCC = 5V, ILOAD = 0A, EN=5V, nLP=0V
150
uA
ICC-SHUTDOWN
Quiescent current
Shutdown Mode
VCC = 5V, EN=0V
5
uA
VCC Under Voltage Lockout
VCC-UV
Input Supply Under Voltage
Threshold
VCC Increasing
2.2
V
VCC-UV_HYST
Input Supply Under Voltage
Threshold Hysteresis
200
mV
OSC
FOSC
Oscillator Frequency
4.5
5
5.5
MHz
PG Open Drain Outputs
TPG
PG Release Timer
10
ms
IOH-PG
High-Level Output Leakage
VPG=5V VCC=5V
0.1
uA
VOL-PG
Low-Level Output Voltage
IPG = -0.3mA
0.1
V
EN Input Voltage Thresholds
VIH-EN
High Level Input Voltage
VCC=2.5V to 5V
2.2
V
VIL-EN
Low Level Input Voltage
VCC=2.5V to 5V
0.4
V
VHYST-EN
Input Hysteresis
VCC=2.5V to 5V
400
mV
IIN-EN
Input Leakage
VEN=5V VCC=5V
0.2
uA
VEN=0V VCC=5V
-1.25
uA
ENPU
Enable Pullup Resistor
Pullup to VCC
4000
K
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
150
170
190
C
TSDHYST
TSD Hysteresis
10
C


Podobny numer części - TS33002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33002 SEMTECH-TS33002 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M000QFNR SEMTECH-TS33002-M000QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M008QFNR SEMTECH-TS33002-M008QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33002-M009QFNR SEMTECH-TS33002-M009QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
More results

Podobny opis - TS33002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com