Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA7029M Arkusz danych(PDF) 1 Page - Allegro MicroSystems

Numer części SMA7029M
Szczegółowy opis  HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SMA7029M Arkusz danych(HTML) 1 Page - Allegro MicroSystems

  SMA7029M Datasheet HTML 1Page - Allegro MicroSystems SMA7029M Datasheet HTML 2Page - Allegro MicroSystems SMA7029M Datasheet HTML 3Page - Allegro MicroSystems SMA7029M Datasheet HTML 4Page - Allegro MicroSystems SMA7029M Datasheet HTML 5Page - Allegro MicroSystems SMA7029M Datasheet HTML 6Page - Allegro MicroSystems SMA7029M Datasheet HTML 7Page - Allegro MicroSystems SMA7029M Datasheet HTML 8Page - Allegro MicroSystems SMA7029M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The SLA7024M, SLA7026M, and SMA7029M are designed for
high-efficiency and high-performance operation of 2-phase, unipolar
stepper motors. An automated, innovative packaging technology
combined with power FETs and monolithic logic/control circuitry ad-
vances power multi-chip modules (PMCMs™) toward the complete
integration of motion control. Highly automated manufacturing tech-
niques provide low-cost and exceptionally reliable PMCMs suitable for
controlling and directly driving a broad range of 2-phase, unipolar
stepper motors. The three stepper motor multi-chip modules differ
primarily in output current ratings (1.5 A or 3.0 A) and package style.
All three PMCMs are rated for an absolute maximum limit of 46 V
and utilize advanced NMOS FETs for the high-current, high-voltage
driver outputs. The avalanche-rated (
≥100 V) FETs provide excellent
ON resistance, improved body diodes, and very-fast switching. The
multi-chip ratings and performance afford significant benefits and
advantages for stepper drives when compared to the higher dissipation
and slower switching speeds associated with bipolar transistors.
Normally, heat sinks are not required for the SLA7024M or SMA7029M.
The SLA7026M, in demanding, higher-current systems designs,
necessitates suitable heat transfer methods for reliable operation.
Complete applications information is given on the following pages.
PWM current is regulated by appropriately choosing current-sensing
resistors, a voltage reference, a voltage divider, and RC timing net-
works. The RC components limit the OFF interval and control current
decay. Inputs are compatible with 5 V logic and microprocessors.
BENEFITS AND FEATURES
s Cost-Effective, Multi-Chip Solution
s ‘Turn-Key’ Motion-Control Module
s Motor Operation to 3 A and 46 V
s 3rd Generation High-Voltage FETs
s 100 V, Avalanche-Rated NMOS
s Low r
DS(on) NMOS Outputs
s Advanced, Improved Body Diodes
s Single-Supply Motor/Module
Operation
SMA7029M
HIGH-CURRENT PWM, UNIPOLAR STEPPER
MOTOR CONTROLLER/DRIVERS
Always order by complete part number:
Part Number
Package
Output Current
SLA7024M
18-Lead Power-Tab SIP
1.5 A
SLA7026M
18-Lead Power-Tab SIP
3.0 A
SMA7029M
15-Lead SIP
1.5 A
ABSOLUTE MAXIMUM RATINGS
at T
A = +25°C
Load Supply Voltage, V
BB . . . . . . . . . . . . 46 V
FET Output Voltage, V
DS . . . . . . . . . . . 100 V
Control Supply Voltage, V
CC . . . . . . . . . . 46 V
Peak Output Current, I
OUTM (tw ≤ 100 µs)
SLA7024M . . . . . . . . . . . . . . . . . . . . . 3.0 A
SLA7026M . . . . . . . . . . . . . . . . . . . . . 5.0 A
SMA7029M . . . . . . . . . . . . . . . . . . . . 3.0 A
Continuous Output Current, I
OUT
SLA7024M . . . . . . . . . . . . . . . . . . . . . 1.5 A
SLA7026M . . . . . . . . . . . . . . . . . . . . . 3.0 A
SMA7029M . . . . . . . . . . . . . . . . . . . . 1.5 A
Input Voltage Range, V
IN . . . . -0.3 V to 7.0 V
Reference Voltage, V
REF . . . . . . . . . . . 2.0 V
Package Power Dissipation, P
D . See Graph
Junction Temperature, T
J . . . . . . . . .
+150
°C
Operating Temperature Range,
T
A . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
T
stg . . . . . . . . . . . . . . . . . . -40°C to +150°C
s Half- or Full-Step Unipolar Drive
s High-Efficiency, High-Speed PWM
s Dual PWM Current Control (2-Phase)
s Programmable PWM Current Control
s Low Component Count PWM Drive
s Low Internal Power Dissipation
s Heat Sinking (Normally) Unnecessary
s Electrically Isolated Power Tab
s Logic IC- and
µP-Compatible Inputs
s Machine-Insertable Package
REFERENCE A
VREF
Dwg. PK-007
OUT A
OUTB
SENSEA
GROUND A
VREF
VCC
+
OUTA
OUTB
GROUND B
REFERENCE B
CNTRL SPLY
IN A
IN B
SENSE B
OFF DELAYA
OFF DELAY B
SLA7024M, SLA7026M,
AND
SMA7029M


Podobny numer części - SMA7029M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA7029M SANKEN-SMA7029M Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
59Kb / 2P
   2-Phase Excitation
SMA7029M SANKEN-SMA7029M Datasheet
87Kb / 2P
   2-Phase Excitation
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results

Podobny opis - SMA7029M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com