Zakładka z wyszukiwarką danych komponentów |
|
74AUP2G86GN Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74AUP2G86GN Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 21 page 74AUP2G86 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 7 — 14 June 2012 4 of 21 NXP Semiconductors 74AUP2G86 Low-power dual 2-input EXCLUSIVE-OR gate 6.2 Pin description 7. Functional description [1] H = HIGH voltage level; L = LOW voltage level. 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For VSSOP8 packages: above 110 C the value of P tot derates linearly with 8.0 mW/K. For XSON8, XSON8U and XQFN8 packages: above 118 C the value of P tot derates linearly with 7.8 mW/K. Table 3. Pin description Symbol Pin Description SOT765-1, SOT833-1, SOT1089, SOT996-2, SOT1116 and SOT1203 SOT902-2 1A, 2A 1, 5 7, 3 data input 1B, 2B 2, 6 6, 2 data input GND 4 4 ground (0 V) 1Y, 2Y 7, 3 1, 5 data output VCC 8 8 supply voltage Table 4. Function table[1] Input Output nA nB nY LL L LH H HL H HH L Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +4.6 V IIK input clamping current VI <0 V 50 - mA VI input voltage [1] 0.5 +4.6 V IOK output clamping current VO <0V 50 - mA VO output voltage Active mode and Power-down mode [1] 0.5 +4.6 V IO output current VO =0 VtoVCC - 20 mA ICC supply current - 50 mA IGND ground current 50 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation Tamb = 40 C to +125 C [2] - 250 mW |
Podobny numer części - 74AUP2G86GN |
|
Podobny opis - 74AUP2G86GN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |