Zakładka z wyszukiwarką danych komponentów |
|
74HCT138PW-Q100 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74HCT138PW-Q100 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 18 page 1. General description The 74HC138-Q100; 74HCT138-Q100 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). The 74HC138-Q100; 74HCT138-Q100 decoder accepts three binary weighted address inputs (A0, A1 and A3) and when enabled, provides 8 mutually exclusive active LOW outputs (Y0to Y7). The 74HC138-Q100; 74HCT138-Q100 features three enable inputs: two active LOW (E1 and E2) and one active HIGH (E3). Every output will be HIGH unless E1 and E2are LOW and E3 is HIGH. This multiple enable function allows easy parallel expansion of the 74HC138-Q100; 74HCT138-Q100 to a 1-of-32 (5 lines to 32 lines) decoder with just four 74HC138-Q100; 74HCT138-Q100 ICs and one inverter. The 74HC138-Q100; 74HCT138-Q100 can be used as an eight output demultiplexer by using one of the active LOW enable inputs as the data input and the remaining enable inputs as strobes. Not used enable inputs must be permanently tied to their appropriate active HIGH- or LOW-state. This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications. 2. Features and benefits Automotive product qualification in accordance with AEC-Q100 (Grade 1) Specified from 40 C to +85 C and from 40 C to +125 C Demultiplexing capability Multiple input enable for easy expansion Complies with JEDEC standard no. 7A Ideal for memory chip select decoding Active LOW mutually exclusive outputs ESD protection: MIL-STD-883, method 3015 exceeds 2000 V HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 ) Multiple package options 74HC138-Q100; 74HCT138-Q100 3-to-8 line decoder/demultiplexer; inverting Rev. 1 — 16 July 2012 Product data sheet |
Podobny numer części - 74HCT138PW-Q100 |
|
Podobny opis - 74HCT138PW-Q100 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |