Zakładka z wyszukiwarką danych komponentów |
|
ADP3304 Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADP3304 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 8 page ADP3301 –3– REV. 0 WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3301 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. PIN FUNCTION DESCRIPTIONS Pin Mnemonic Function 1 & 2 OUT Output of the Regulator, fixed 2.7, 3.0, 3.2, 3.3 or 5 volts output voltage. By- pass to ground with a 0.47 µF or larger capacitor. Pins 1 and 2 must be con- nected together for proper operation. 3 NR Noise Reduction Pin. Used for further reduction of the output noise. (See text for details.) No connection if not used. 4 GND Ground Pin. 5 SD Active Low Shutdown Pin. Connect to ground to disable the regulator output. When shutdown is not used, this pin should be connected to the input pin. 6 ERR Open Collector Output which goes low to indicate that the output is about to go out of regulation. 7 & 8 IN Regulator Input. Pins 7 and 8 must be connected together for proper operation. PIN CONFIGURATION 1 2 3 4 8 7 6 5 TOP VIEW (Not to Scale) PIN FOR 5V DEVICE OUT OUT NR GND IN IN ERR SD ADP3301 ABSOLUTE MAXIMUM RATINGS* Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V Error Flag Output Voltage . . . . . . . . . . . . . . . –0.3 V to +16 V Noise Bypass Pin Voltage . . . . . . . . . . . . . . . . –0.3 V to +5 V Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited Operating Ambient Temperature Range . . . –55 °C to +125°C Operating Junction Temperature Range . . . –55 °C to +125°C θ JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96 °C/W θ JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 °C/W Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300 °C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C *This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Model Voltage Output Package Option* ADP3301AR-2.7 2.7 V SO-8 ADP3301AR-3 3.0 V SO-8 ADP3301AR-3.2 3.2 V SO-8 ADP3301AR-3.3 3.3 V SO-8 ADP3301AR-5 5.0 V SO-8 Contact the factory for the availability of other output voltage options. *SO = Small Outline. Other Members of anyCAP™* Family 1 Output Package Model Current Option 2 Comments ADP3300 50 mA SOT-23 High Accuracy ADP3302 100 mA SO-8 Dual Output ADP3304 100 mA SO-8 Dual Output with Separate Grounds ADP3303 200 mA SO-8 High Accuracy ADP3306 300 mA SO-8,TSSOP-14 High Accuracy, High Current NOTES 1See individual data sheets for detailed ordering information. 2SO = Small Outline, SOT = Surface Mount, TSSOP = Thin Shrink Small Outline. |
Podobny numer części - ADP3304 |
|
Podobny opis - ADP3304 |