Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM6200 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADUM6200
Szczegółowy opis  Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM6200 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADUM6200 Datasheet HTML 4Page - Analog Devices ADUM6200 Datasheet HTML 5Page - Analog Devices ADUM6200 Datasheet HTML 6Page - Analog Devices ADUM6200 Datasheet HTML 7Page - Analog Devices ADUM6200 Datasheet HTML 8Page - Analog Devices ADUM6200 Datasheet HTML 9Page - Analog Devices ADUM6200 Datasheet HTML 10Page - Analog Devices ADUM6200 Datasheet HTML 11Page - Analog Devices ADUM6200 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADuM6200/ADuM6201/ADuM6202
Data Sheet
Rev. C | Page 8 of 28
REGULATORY INFORMATION
The ADuM6200/ADuM6201/ADuM6202 are approved by the organizations listed in Table 15. Refer to Table 20 and the Insulation Lifetime
section for more information about the recommended maximum working voltages for specific cross-insulation waveforms and insulation levels.
Table 15.
UL1
CSA
VDE
Recognized under UL 1577 component
recognition program
Approved under CSA Component Acceptance Notice #5A
RW-16 package:2
Certified according to IEC 60747-5-2
(VDE 0884 Part 2):2003-01
Basic insulation, 846 V peak
Single protection, 5000 V rms isolation
voltage
Basic insulation per CSA 60950-1-07 and IEC 60950-1,
600 V rms (848 V peak) maximum working voltage
RI-16-1 package:3
Certified according to DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
Reinforced insulation, 846 V peak
RW-16 package:
Reinforced insulation per CSA 60950-1-07 and IEC 60950-1,
380 V rms (537 V peak) maximum working voltage
Reinforced insulation per IEC 60601-1, 125 V rms (176 V peak)
maximum working voltage
RI-16-1 package:
Reinforced insulation per CSA 60950-1-07 and IEC 60950-1,
400 V rms (565 V peak) maximum working voltage
Reinforced insulation per IEC 60601-1, 250 V rms (353 V peak)
maximum working voltage
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM6200/ADuM6201/ADuM6202 is proof-tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec (current leakage
detection limit = 15 μA).
2 In accordance with IEC 60747-5-2 (VDE 0884 Part 2):2003-01, each ADuM6200/ADuM6201/ADuM6202 in the RW-16 package is proof-tested by applying an insulation
test voltage ≥ 1590 V peak for 1 sec (partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates IEC 60747-5-2 (VDE 0884
Part 2):2003-01 approval.
3 In accordance with DIN V VDE V 0884-10 (VDE V 0884-10):2006-12, each ADuM6200/ADuM6201/ADuM6202 in the RI-16-1 package is proof-tested by applying an
insulation test voltage ≥ 1590 V peak for 1 sec (partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN V VDE V
0884-10 (VDE V 0884-10):2006-12 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 16.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.0
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
Measured from input terminals to output terminals,
shortest distance path along body
RW-16 Package
7.6
mm
RI-16-1 Package
8.3 min
mm
Minimum Internal Distance (Internal Clearance)
0.017 min
mm
Distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303, Part 1
Material Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Podobny numer części - ADUM6200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6200ARIZ AD-ADUM6200ARIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200ARIZ AD-ADUM6200ARIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6200ARIZ AD-ADUM6200ARIZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
More results

Podobny opis - ADUM6200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com