Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT373DB Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT373DB
Szczegółowy opis  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT373DB Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT373DB Datasheet HTML 1Page - NXP Semiconductors 74HCT373DB Datasheet HTML 2Page - NXP Semiconductors 74HCT373DB Datasheet HTML 3Page - NXP Semiconductors 74HCT373DB Datasheet HTML 4Page - NXP Semiconductors 74HCT373DB Datasheet HTML 5Page - NXP Semiconductors 74HCT373DB Datasheet HTML 6Page - NXP Semiconductors 74HCT373DB Datasheet HTML 7Page - NXP Semiconductors 74HCT373DB Datasheet HTML 8Page - NXP Semiconductors 74HCT373DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
5 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
6.
Functional description
6.1 Function table
[1]
H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
I = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
X = don’t care;
Z = high-impedance OFF-state.
7.
Limiting values
[1]
For DIP20 package: Ptot derates linearly with 12 mW/K above 70 C.
[2]
For SO20: Ptot derates linearly with 8 mW/K above 70 C.
[3]
For SSOP20 and TSSOP20 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
[4]
For DHVQFN20 package: Ptot derates linearly with 4.5 mW/K above 60 C.
Table 3.
Function table[1]
Operating mode
Control
Input
Internal latches
Output
OE
LE
Dn
Qn
Enable and read register
(transparent mode)
LH
LL
L
HH
H
Latch and read register
L
L
l
L
L
hH
H
Latch register and disable
outputs
H
XXX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
-
35
mA
ICC
supply current
-
+70
mA
IGND
ground current
-
70
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
DIP20 package
[1] -
750
mW
SO20 package
[2] -
500
mW
SSOP20 package
[3]
500
mW
TSSOP20 package
[3]
500
mW
DHVQFN20 package
[4] -
500
mW


Podobny numer części - 74HCT373DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT373DB PHILIPS-74HCT373DB Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
More results

Podobny opis - 74HCT373DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com