Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F164D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74F164D
Szczegółowy opis  8-bit serial-in parallel-out shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74F164D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74F164D Datasheet HTML 1Page - NXP Semiconductors 74F164D Datasheet HTML 2Page - NXP Semiconductors 74F164D Datasheet HTML 3Page - NXP Semiconductors 74F164D Datasheet HTML 4Page - NXP Semiconductors 74F164D Datasheet HTML 5Page - NXP Semiconductors 74F164D Datasheet HTML 6Page - NXP Semiconductors 74F164D Datasheet HTML 7Page - NXP Semiconductors 74F164D Datasheet HTML 8Page - NXP Semiconductors 74F164D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F164
8-bit serial-in parallel-out shift register
2
2000 Dec 18
853-0348 25264
FEATURES
Gated serial data inputs
Typical shift frequency of 100MHz
Asynchronous Master Reset
Buffered clock and data inputs
Fully synchronous data transfer
Industrial temperature range available (–40 to +85 °C)
DESCRIPTION
The 74F164 is an 8-bit edge-triggered shift register with serial data
entry and an output from each of the eight stages. Data is entered
through one of two inputs (Dsa, Dsb); either input can be used as an
active High enable for data entry through the other input. Both inputs
must be connected together or an unused input must be tied High.
Data shifts one place to the right on each Low-to-High transition of
the clock (CP) input, and enters into Q0 the logical AND of the two
data inputs (Dsa, Dsb) that existed one setup time before the rising
edge. A Low level on the Master Reset (MR) input overrides all
other inputs and clears the register asynchronously, forcing all
outputs Low.
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SF00717
Dsa
Dsb
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
TYPE
TYPICAL fmax
TYPICAL SUPPLY
CURRENT (TOTAL)
74F164
100MHz
33 mA
ORDERING INFORMATION
ORDER CODE
DRAWING
DESCRIPTION
COMMERCIAL RANGE
VCC = 5 V ±10%, Tamb = 0 to +70 °C
INDUSTRIAL RANGE
VCC = 5 V ±10%, Tamb = –40 to +85 °C
DRAWING
NUMBER
14-pin plastic DIP
74F164N
I74F164N
SOT27-1
14-pin plastic SO
74F164D
I74F164D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH / LOW
LOAD VALUE
HIGH / LOW
Dsa, Dsb
Data inputs
1.0 / 1.0
20
µA / 0.6 mA
CP
Clock pulse input (active rising edge)
1.0 / 1.0
20
µA / 0.6 mA
MR
Master reset input (active-Low)
1.0 / 1.0
20
µA / 0.6 mA
Q0 – Q7
Data outputs
50 / 33
1.0 mA / 20 mA
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6 mA in the Low state.
LOGIC SYMBOL
Dsa
Dsb
Q0
12
VCC = Pin 14
GND = Pin 7
Q1 Q2 Q3 Q4 Q5 Q6 Q7
CP
MR
8
9
SF00713
3
4
5
6 10
11
12 13
IEC/IEEE SYMBOL
1
2
SRG8
&
R
C1/
8
9
1D
SF00714
3
4
5
6
10
11
12
13


Podobny numer części - 74F164D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F164D PHILIPS-74F164D Datasheet
94Kb / 10P
   8-bit serial-in parallel-out shift register
2000 Dec 18
More results

Podobny opis - 74F164D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com