Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35-S Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części TIP35-S
Szczegółowy opis  Designed for Complementary Use with the TIP36 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP35-S Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  TIP35-S Datasheet HTML 1Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 2Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 3Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP35, TIP35A, TIP35B, TIP35C
NPN SILICON POWER TRANSISTORS
P RO D UCT
INFORMA TION
1
JULY 1968 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with the
TIP36 Series
125 W at 25°C Case Temperature
25 A Continuous Collector Current
40 A Peak Collector Current
Customer-Specified Selections Available
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 1 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 28 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP35
TIP35A
TIP35B
TIP35C
VCBO
80
100
120
140
V
Collector-emitter voltage (IB = 0)
TIP35
TIP35A
TIP35B
TIP35C
VCEO
40
60
80
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
25
A
Peak collector current (see Note 1)
ICM
40
A
Continuous base current
IB
5A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
125
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
3.5
W
Unclamped inductive load energy (see Note 4)
½LIC
2
90
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAAA
B
C
E
1
2
3
OBSOLET
E


Podobny numer części - TIP35-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
TIP35-6 FCI-TIP35-6 Datasheet
142Kb / 2P
   Complementary Silicon High Power Transistor
More results

Podobny opis - TIP35-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
   Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
PHOENIX CONTACT
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com