Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35-S Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions

Numer części TIP35-S
Szczegółowy opis  Designed for Complementary Use with the TIP36 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP35-S Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions

  TIP35-S Datasheet HTML 1Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 2Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 3Page - Bourns Electronic Solutions TIP35-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIP35, TIP35A, TIP35B, TIP35C
NPN SILICON POWER TRANSISTORS
3
P RO D UCT
INFORMA TION
JULY 1968 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
100
1
10
100
1000
TCS635AA
V
CE = 4 V
T
C = 25°C
t
p = 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0·001
0·01
0·1
1·0
10
100
0·01
0·1
1·0
10
TCS635AB
I
C = 25 A
I
C = 20 A
I
C = 15 A
I
C = 10 A
I
C = 300 mA
I
C =
1 A
I
C =
3 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
100
0·6
0·8
1·0
1·2
1·4
1·6
1·8
2·0
TCS635AC
V
CE = 4 V
T
C = 25°C
OBSOLET
E


Podobny numer części - TIP35-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
TIP35-6 FCI-TIP35-6 Datasheet
142Kb / 2P
   Complementary Silicon High Power Transistor
More results

Podobny opis - TIP35-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
   Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
PHOENIX CONTACT
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com