Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35B Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części TIP35B
Szczegółowy opis  Designed for Complementary Use with the TIP36 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP35B Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  TIP35B Datasheet HTML 1Page - Bourns Electronic Solutions TIP35B Datasheet HTML 2Page - Bourns Electronic Solutions TIP35B Datasheet HTML 3Page - Bourns Electronic Solutions TIP35B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP35, TIP35A, TIP35B, TIP35C
NPN SILICON POWER TRANSISTORS
2
PRODU CT
INFORMA TION
JULY 1968 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
(see Note 5)
IB = 0
TIP35
TIP35A
TIP35B
TIP35C
40
60
80
100
V
ICES
Collector-emitter
cut-off current
VCE = 80 V
VCE =100 V
VCE =120 V
VCE =140 V
VBE =0
VBE =0
VBE =0
VBE =0
TIP35
TIP35A
TIP35B
TIP35C
0.7
0.7
0.7
0.7
mA
ICEO
Collector cut-off
current
VCE = 30 V
VCE = 60 V
IB =0
IB =0
TIP35/35A
TIP35B/35C
1
1
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
1
mA
hFE
Forward current
transfer ratio
VCE =
4 V
VCE =
4 V
IC =1.5 A
IC = 15 A
(see Notes 5 and 6)
25
10
50
VCE(sat)
Collector-emitter
saturation voltage
IB =
1.5 A
IB =
5 A
IC = 15 A
IC = 25 A
(see Notes 5 and 6)
1.8
4
V
VBE
Base-emitter
voltage
VCE =
4 V
VCE =
4 V
IC = 15 A
IC = 25 A
(see Notes 5 and 6)
2
4
V
hfe
Small signal forward
current transfer ratio
VCE = 10 V
IC =
1 A
f = 1 kHz
25
|h
fe|
Small signal forward
current transfer ratio
VCE = 10 V
IC = 1 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1°C/W
RθJA
Junction to free air thermal resistance
35.7
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 15 A
VBE(off) = -4.15 V
IB(on) = 1.5 A
RL = 2 Ω
IB(off) = -1.5 A
tp = 20 µs, dc ≤ 2%
1.2
µs
toff
Turn-off time
0.9
µs
OBSOLET
E


Podobny numer części - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35B MOSPEC-TIP35B Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
New Jersey Semi-Conduct...
TIP35B NJSEMI-TIP35B Datasheet
147Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP35B MOTOROLA-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP35B ONSEMI-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP35B POINN-TIP35B Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
   Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BDX33-S BOURNS-BDX33-S Datasheet
97Kb / 5P
   Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
PHOENIX CONTACT
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com