Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6F5.0A Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SMA6F5.0A
Szczegółowy opis  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMA6F5.0A Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SMA6F5.0A Datasheet HTML 1Page - Vishay Siliconix SMA6F5.0A Datasheet HTML 2Page - Vishay Siliconix SMA6F5.0A Datasheet HTML 3Page - Vishay Siliconix SMA6F5.0A Datasheet HTML 4Page - Vishay Siliconix SMA6F5.0A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
SMA6F5.0A thru SMA6F20A
www.vishay.com
Vishay General Semiconductor
Revision: 23-Nov-11
3
Document Number: 89458
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
IMMUNITY TO STATIC ELECTRICAL DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
IEC 61000-4-2
Human body model (contact mode)
C = 150 pF, R = 330
VC
4
> 8 kV
Human body model (air discharge mode)
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMA6F5.0A-M3/6A
0.032
6A
3500
7" diameter plastic tape and reel
SMA6F5.0A-M3/6B
0.032
6B
14 000
13" diameter plastic tape and reel
0.1
1
10
100
1
10
100
1 000
10 000
t
d -Pulse Width (μs)
0
25
50
75
100
0
25
50
75
100
125
150
175
200
T
J - Initial Temperature (°C)
0
0
50
100
150
1.0
2.0
3.0
4.0
t
r = 10 μs
t
r = 8 μs
t
d = 1000 μs
t
d = 20 μs
t - Time (ms)
t
d
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d) is
defined as the Point
Where the Peak Current
decays to 50 % of I
PPM
100
1000
10 000
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
V
WM - Reverse Stand-Off Voltage (V)
Measured at Stand-off
Voltage, V
WM
Measured at Zero Bias
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p


Podobny numer części - SMA6F5.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMA6F5.0A STMICROELECTRONICS-SMA6F5.0A Datasheet
105Kb / 9P
   High junction temperature Transil
logo
Micro Commercial Compon...
SMA6F5.0A MCC-SMA6F5.0A Datasheet
328Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
SMA6F5.0A MCC-SMA6F5.0A Datasheet
330Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 13 Volts
logo
Vishay Siliconix
SMA6F5.0A VISHAY-SMA6F5.0A Datasheet
101Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 23-Nov-11
logo
STMicroelectronics
SMA6F5.0A STMICROELECTRONICS-SMA6F5.0A Datasheet
101Kb / 9P
   High junction temperature Transil?
More results

Podobny opis - SMA6F5.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com