Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7837AN Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7837AN
Szczegółowy opis  LC MOS Complete, Dual 12-Bit MDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7837AN Arkusz danych(HTML) 2 Page - Analog Devices

  AD7837AN Datasheet HTML 1Page - Analog Devices AD7837AN Datasheet HTML 2Page - Analog Devices AD7837AN Datasheet HTML 3Page - Analog Devices AD7837AN Datasheet HTML 4Page - Analog Devices AD7837AN Datasheet HTML 5Page - Analog Devices AD7837AN Datasheet HTML 6Page - Analog Devices AD7837AN Datasheet HTML 7Page - Analog Devices AD7837AN Datasheet HTML 8Page - Analog Devices AD7837AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
AD7837/AD7847–SPECIFICATIONS1 (V
DD = +15 V
5%, VSS = –15 V
5%, AGNDA = AGNDB = DGND
= O V. VREFA = VREFB = +10 V, RL = 2 k , CL = 100 pF [VOUT connected to RFB AD7837]. All specifications TMIN to TMAX unless otherwise noted.)
Parameter
A Version
B Version
S Version
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
12
12
12
Bits
Relative Accuracy
2
±1
±1/2
±1
LSB max
Differential Nonlinearity
2
±1
±1
±1
LSB max
Guaranteed Monotonic
Zero Code Offset Error2
@ +25
°C
±2
±2
±2
mV max
DAC Latch Loaded with All 0s
TMIN to TMAX
±4
±3
±4
mV max
Temperature Coefficient =
±5 µV/°C typ
Gain Error2
@ +25
°C
±4
±2
±4
LSB max
DAC Latch Loaded with All 1s
TMIN to TMAX
±5
±3
±5
LSB max
Temperature Coefficient =
±2 ppm of
FSR/
°C typ
REFERENCE INPUTS
VREF Input Resistance
8/13
8/13
8/13
k
Ω min/max
Typical Input Resistance = 10 k
VREFA, VREFB Resistance Matching
±2
±2
±2
% max
Typically
±0.25%
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
±1
±1
±1
µA max
Digital Inputs at 0 V and VDD
Input Capacitance
3
8
8
8
pF max
ANALOG OUTPUTS
DC Output Impedance
0.2
0.2
0.2
Ω typ
Short Circuit Current
11
11
11
mA typ
VOUT Connected to AGND
POWER REQUIREMENTS
4
VDD Range
14.25/15.75
14.25/15.75
14.25/15.75
V min/max
VSS Range
–14.25/–15.75
–14.25/–15.75 –14.25/–15.75
V min/max
Power Supply Rejection
∆Gain/∆VDD
±0.01
±0.01
±0.01
% per % max
VDD = 15 V
± 5%, VREF = –10 V
∆Gain/∆V
SS
±0.01
±0.01
±0.01
% per % max
VSS = –15 V
± 5%, V
REF = +10 V
IDD
8
8
8
mA max
Outputs Unloaded. Inputs at Thresholds.
Typically 5 mA
ISS
6
6
6
mA max
Outputs Unloaded. Inputs at Thresholds.
Typically 3 mA
AC CHARACTERISTICS
2, 3
Voltage Output Settling Time
3
3
3
µs typ
Settling Time to Within
±1/2 LSB of Final
55
5
µs max
Value. DAC Latch Alternately Loaded
with All 0s and All 1s
Slew Rate
11
11
11
V/
µs typ
Digital-to-Analog Glitch Impulse
10
10
10
nV secs typ
1 LSB Change Around Major Carry
Channel-to-Channel Isolation
VREFA to VOUTB
–95
–95
–95
dB typ
VREFA = 20 V p-p, 10 kHz Sine Wave.
DAC Latches Loaded with All 0s
VREFB to VOUTA
–95
–95
–95
dB typ
VREFB = 20 V p-p, 10 kHz Sine Wave.
DAC Latches Loaded with All 0s
Multiplying Feedthrough Error
–90
–90
–90
dB typ
VREF = 20 V p-p, 10 kHz Sine Wave.
DAC Latch Loaded with All 0s
Unity Gain Small Signal BW
750
750
750
kHz typ
VREF = 100 mV p-p Sine Wave. DAC
Latch Loaded with All 1s
Full Power BW
175
175
175
kHz typ
VREF = 20 V p-p Sine Wave. DAC
Latch Loaded with All 1s
Total Harmonic Distortion
–88
–88
–88
dB typ
VREF = 6 V rms, 1 kHz. DAC Latch
Loaded with All 1s
Digital Crosstalk
1
1
1
nV secs typ
Code Transition from All 0s to All 1s and
Vice Versa
Output Noise Voltage @ +25
°C
See Typical Performance Graphs
(0.1 Hz to 10 Hz)
2
2
2
µV rms typ
Amplifier Noise and Johnson Noise of RFB
Digital Feedthrough
1
1
1
nV secs typ
NOTES
1Temperature ranges are as follows: A, B Versions, –40
°C to +85°C; S Version, –55°C to +125°C.
2See Terminology.
3Guaranteed by design and characterization, not production tested.
4The Devices are functional with V
DD/VSS =
± 12 V (See typical performance graphs.).
Specifications subject to change without notice.


Podobny numer części - AD7837AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7837AN AD-AD7837AN Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results

Podobny opis - AD7837AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com