Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-J314-300E Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-J314-300E
Szczegółowy opis  0.6 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J314-300E Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J314-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-J314-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
PowerSupply
VCC-VEE
10
30
V
InputCurrent(ON)
IF(ON)
8
12
mA
InputVoltage(OFF)
VF(OFF)
-3.6
0.8
V
OperatingTemperature
TA
-40
100
°C
Electrical Specifications (DC)
Overrecommendedoperatingconditionsunlessotherwisespecified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
HighLevelOutputCurrent
IOH
0.2
A
VO=VCC–4
2
5
0.4
0.5
VO=VCC–10 3
2
LowLevelOutputCurrent
IOL
0.2
0.4
A
VO=VEE+2.5 5
5
0.4
0.5
VO=VEE+10
6
2
HighLevelOutputVoltage
VOH
VCC-4
VCC-1.8
V
IO=-100mA
1
6,7
LowLevelOutputVoltage
VOL
0.4
1
V
IO=100mA
4
HighLevelSupplyCurrent
ICCH
0.7
3
mA
IO=0mA
7,8
14
LowLevelSupplyCurrent
ICCL
1.2
3
mA
IO=0mA
ThresholdInputCurrentLowtoHigh IFLH
6
mA
IO=0mA,
9,15
ThresholdInputVoltageLowtoHigh VFHL
0.8
V
VO>5V
InputForwardVoltage
VF
1.2
1.5
1.8
V
IF=10mA
16
TemperatureCoefficientofInput
DVF/DTA
-1.6
mV/°C
ForwardVoltage
InputReverseBreakdownVoltage
BVR
5
V
IR=10µA
InputCapacitance
CIN
60
pF
f=1MHz,
VF=0V


Podobny numer części - HCPL-J314-300E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-J314-300 HP-HCPL-J314-300 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-J314-300E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314 AVAGO-HCPL-J314 Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com