Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD668AQ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD668AQ
Szczegółowy opis  12-Bit Ultrahigh Speed Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD668AQ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD668AQ Datasheet HTML 6Page - Analog Devices AD668AQ Datasheet HTML 7Page - Analog Devices AD668AQ Datasheet HTML 8Page - Analog Devices AD668AQ Datasheet HTML 9Page - Analog Devices AD668AQ Datasheet HTML 10Page - Analog Devices AD668AQ Datasheet HTML 11Page - Analog Devices AD668AQ Datasheet HTML 12Page - Analog Devices AD668AQ Datasheet HTML 13Page - Analog Devices AD668AQ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD668
REV. A
–10–
Figure 11. AD586 Driving the AD668
mode (Pin 22 grounded, input into Pin 21). Fine adjustment of
the gain is provided by both the AD586 external trim resistor
and the 100
Ω potentiometer in series with the reference input.
The resistive divider at the reference input will draw approxi-
mately 1 mA from the AD586, leaving plenty of driving current
for other loads in the system.
AC HOOKUP: 1.25 V AC FULL SCALE, 2.5 V DC FULL
SCALE
The circuit shown in Figure 12 allows separate setting of dc ref-
erence bias point on a 2.5 V scale and capacitively coupled ac
signal on a 1.25 V scale. The basic reference input is configured
in the 1.25 V mode (Pin 21 grounded, Pin 22 used as the refer-
ence input.) The 2.5 V dc range is achieved by using an external
Table II. AD668 Topology Variations
OUTPUT LEVELS
Nominal
Analog
Input
0 V to 1 V
–500 mV to +500 mV
0 V to –10 V
+5 V to –5 V
–1 V to +1 V
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
1 V
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
External Amplifier
External Amplifier
RL (Pin 19) Tied
(See Figure 10)
To IOUT (Pin 20)
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
1.25 V
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
(See Figure 8)
External Amplifier
External Amplifier
RL (Pin 19) Tied
To IOUT (Pin 20)
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
5 V
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
(See Figure 7)
External Amplifier
External Amplifier
RL (Pin 19) Tied
To IOUT (Pin 20)
(See Figure 9)
5k series resistor in the dc path. Note that because of the rela-
tively wide tolerance (
±20%) in the absolute value of the
AD668’s internal input divider resistors, substantial gain range
adjustment should be provided in the external series resistance.
Figure 12. AC Hookup
DAC DRIVE: THE AD568 DRIVING THE AD668
The circuit shown in Figure 13 produces an analog output pro-
portional to the product of two digital inputs. The AD568 has
an on-board fixed reference and generates a full-scale output
voltage of 1.024 V (just as the AD668 does in its unbuffered
voltage output mode). This output voltage can be used to di-
rectly drive the AD668 in the 1 V reference input mode. Note
that in this case, the lower 410 codes of the AD568 are out-of-
bounds; they produce an undervoltage condition at the AD668


Podobny numer części - AD668AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD668AQ AD-AD668AQ Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
More results

Podobny opis - AD668AQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com