Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6645ASQZ-801 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD6645ASQZ-801
Szczegółowy opis  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6645ASQZ-801 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD6645ASQZ-801 Datasheet HTML 6Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 7Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 8Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 9Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 10Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 11Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 12Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 13Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD6645
Rev. D | Page 10 of 24
FREQUENCY (MHz)
72.0
72.5
73.0
73.5
74.0
74.5
75.0
75.5
0
10
20
30405060
70
T = –40°C
T = +85°C
T = +25°C
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40°C, +25°C, +85°C
Figure 10. Signal-to-Noise Ratio (SNR) vs. Frequency
ANALOG INPUT FREQUENCY (MHz)
80
82
84
86
88
90
92
94
T = +25°C
T = –40°C, +85°C
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = –40°C, +25°C, +85°C
0
10
203040506070
Figure 11. Worst-Case Harmonics vs. Analog Input Frequency
ANALOG FREQUENCY (MHz)
70
71
72
73
74
75
76
0
20
40
60
80
100
120
140
160
180
200
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25°C
Figure 12. Signal-to-Noise Ratio (SNR) vs. Analog Frequency (IF)
ANALOG FREQUENCY (MHz)
60
65
70
80
90
100
75
85
95
WORST OTHER SPUR
HARMONICS
(SECOND, THIRD)
ENCODE = 80MSPS @ AIN = –1dBFS
TEMP = 25°C
0
20
40
60
80
100
120
140
160
180
200
Figure 13. Harmonics vs. Analog Frequency (IF)
ANALOG INPUT POWER LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
dBc
120
dBFS
ENCODE = 80MSPS
AIN = 30.5MHz
SFDR = 90dB
REFERENCE LINE
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 14. Single-Tone SFDR @ 30.5 MHz
ANALOG INPUT POWER LEVEL (dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
dBc
120
dBFS
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
SFDR = 90dB
REFERENCE LINE
ENCODE = 80MSPS
AIN = 69.1MHz
Figure 15. Single-Tone SFDR @ 69.1 MHz


Podobny numer części - AD6645ASQZ-801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Podobny opis - AD6645ASQZ-801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com