Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7492ARU-5-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7492ARU-5-REEL7
Szczegółowy opis  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7492ARU-5-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7492ARU-5-REEL7 Datasheet HTML 4Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 5Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 6Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 7Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 8Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 9Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 10Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 11Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7492
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7492
TOP VIEW
(Not to Scale)
DB9
DB10
(MSB) DB11
AVDD
BUSY
PS/FS
REF OUT
CONVST
RD
AGND
CS
VIN
DB8
DB7
DB6
VDRIVE
DB0 (LSB)
DB1
DVDD
DB2
DB3
DB5
DB4
DGND
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin
Mnemonic
Function
1 to 3,
13 to 18,
22 to 24
DB11 to DB0
Data Bit 11 to Data Bit 0. Parallel digital outputs that provide the conversion result for the part. These are
three-state outputs that are controlled by CS and RD. The output high voltage level for these outputs is
determined by the VDRIVE input.
4
AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on the AD7492.
The AVDD and DVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart,
even on a transient basis. This supply should be decoupled to AGND.
5
REF OUT
Reference Out. The output voltage from this pin is 2.5 V ± 1%.
6
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to REFIN. The analog input presents
a high dc input impedance.
7
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7492. All analog input signals
should be referred to this AGND voltage. The AGND and DGND voltages should ideally be at the same
potential and must not be more than 0.3 V apart, even on a transient basis.
8
CS
Chip Select. Active low logic input used in conjunction with RD to access the conversion result. The
conversion result is placed on the data bus following the falling edge of both CS and RD. CS and RD are both
connected to the same AND gate on the input so the signals are interchangeable. CS can be hardwired
permanently low.
9
RD
Read Input. Logic input used in conjunction with CS to access the conversion result. The conversion result is
placed on the data bus following the falling edge of both CS and RD. CS and RD are both connected to the
same AND gate on the input so the signals are interchangeable. CS and RD can be hardwired permanently
low, in which case the data bus is always active and the result of the new conversion is clocked out slightly
before to the BUSY line going low.
10
CONVST
Conversion Start Input. Logic input used to initiate conversion. The input track/hold amplifier goes from track
mode to hold mode on the falling edge of CONVST and the conversion process is initiated at this point. The
conversion input can be as narrow as 10 ns. If the CONVST input is kept low for the duration of conversion
and is still low at the end of conversion, the part automatically enters a sleep mode. The type of sleep mode is
determined by the PS/FS pin. If the part enters a sleep mode, the next rising edge of CONVST wakes up the
part. Wake-up time depends on the type of sleep mode.
11
PS/FS
Partial Sleep/Full Sleep Mode. This pin determines the type of sleep mode the part enters if the CONVST pin is
kept low for the duration of the conversion and is still low at the end of conversion. In partial sleep mode the
internal reference circuit and oscillator circuit are not powered down and draws 250 μA maximum. In full
sleep mode all of the analog circuitry are powered down and the current drawn is negligible. This pin is
hardwired either high (DVDD) or low (GND).
12
BUSY
BUSY Output. Logic output indicating the status of the conversion process. The BUSY signal goes high after
the falling edge of CONVST and stays high for the duration of the conversion. Once the conversion is
complete and the conversion result is in the output register, the BUSY line returns low. The track/hold returns
to track mode just prior to the falling edge of BUSY and the acquisition time for the part begins when BUSY
goes low. If the CONVST input is still low when BUSY goes low, the part automatically enters its sleep mode
on the falling edge of BUSY.
19
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7492. The DGND and AGND
voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient
basis.


Podobny numer części - AD7492ARU-5-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7492ARU-5-REEL7 AD-AD7492ARU-5-REEL7 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

Podobny opis - AD7492ARU-5-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com