Zakładka z wyszukiwarką danych komponentów |
|
AD7713 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD7713 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 28 page REV. D –8– AD7713 Pin No. Mnemonic Function 16 RTD2 Constant Current Output. A nominal 200 µA constant current is provided at this pin, which can be used as the excitation current for RTDs. This current can be turned on or off via the control register. This second current can be used to eliminate lead resistanced errors in 3-wire RTD configurations. 17 AIN3 Analog Input Channel 3. High level analog input that accepts an analog input voltage range of 4 VREF/GAIN. At the nominal VREF of 2.5 V and a gain of 1, the AIN3 input voltage range is 0 V to ±10 V. 18 AGND Ground Reference Point for Analog Circuitry. 19 TFS Transmit Frame Synchronization. Active low logic input used to write serial data to the device with serial data expected after the falling edge of this pulse. In the self-clocking mode, the serial clock becomes active after TFS goes low. In the external clocking mode, TFS must go low before the first bit of the data-word is written to the part. 20 RFS Receive Frame Synchronization. Active low logic input used to access serial data from the device. In the self- clocking mode, both the SCLK and SDATA lines become active after RFS goes low. In the external clocking mode, the SDATA line becomes active after RFS goes low. 21 DRDY Logic Output. A falling edge indicates that a new output word is available for transmission. The DRDY pin will return high upon completion of transmission of a full output word. DRDY is also used to indicate when the AD7713 has completed its on-chip calibration sequence. 22 SDATA Serial Data. Input/output with serial data being written to either the control register or the calibration regis- ters and serial data being accessed from the control register, calibration registers, or the data register. During an output data read operation, serial data becomes active after RFS goes low (provided DRDY is low). Dur- ing a write operation, valid serial data is expected on the rising edges of SCLK when TFS is low. The output data coding is natural binary for unipolar inputs and offset binary for bipolar inputs. 23 DVDD Digital Supply Voltage, 5 V. DVDD should not exceed AVDD by more than 0.3 V in normal operation. 24 DGND Ground Reference Point for Digital Circuitry. TERMINOLOGY Integral Nonlinearity This is the maximum deviation of any code from a straight line passing through the endpoints of the transfer function. The endpoints of the transfer function are zero scale (not to be con- fused with bipolar zero), a point 0.5 LSB below the first code transition (000...000 to 000...001) and full scale, a point 0.5 LSB above the last code transition (111...110 to 111...111). The error is expressed as a percentage of full scale. Positive Full-Scale Error Positive full-scale error is the deviation of the last code transition (111...110 to 111...111) from the ideal input full-scale voltage. For AIN1(+) and AIN2(+), the ideal full-scale input voltage is (AIN1(–) + VREF/GAIN – 3/2 LSBs), where AIN(–) is either AIN1(–) or AIN2(–) as appropriate; for AIN3, the ideal full-scale voltage is 4 VREF/GAIN – 3/2 LSBs. Positive full-scale error applies to both unipolar and bipolar analog input ranges. Unipolar Offset Error Unipolar offset error is the deviation of the first code transition from the ideal voltage. For AIN1(+) and AIN2(+), the ideal input voltage is (AIN1(–) + 0.5 LSB); for AIN3, the ideal input is 0.5 LSB when operating in the unipolar mode. Bipolar Zero Error This is the deviation of the midscale transition (0111 ... 111 to 1000 ... 000) from the ideal input voltage. For AIN1(+) and AIN2(+), the ideal input voltage is (AIN1(–) – 0.5 LSB); AIN3 can accommodate only unipolar input ranges. Bipolar Negative Full-Scale Error This is the deviation of the first code transition from the ideal input voltage. For AIN1(+) and AIN2(+), the ideal input volt- age is (AIN1(–) – VREF/GAIN + 0.5 LSB); AIN3 can only accommodate unipolar input ranges. Positive Full-Scale Overrange Positive full-scale overrange is the amount of overhead available to handle input voltages on AIN1(+) and AIN2(+) inputs greater than (AIN1(–) + VREF/GAIN) or on AIN3 of greater than 4 VREF/GAIN (for example, noise peaks or excess voltages due to system gain errors in system calibration routines) without introducing errors due to overloading the analog modulator or to overflowing the digital filter. Negative Full-Scale Overrange This is the amount of overhead available to handle voltages on AIN1(+) and AIN2(+) below (AIN1(–) – VREF/GAIN) without overloading the analog modulator or overflowing the digital filter. Offset Calibration Range In the system calibration modes, the AD7713 calibrates its offset with respect to the analog input. The offset calibration range specification defines the range of voltages that the AD7713 can accept and still calibrate offset accurately. Full-Scale Calibration Range This is the range of voltages that the AD7713 can accept in the system calibration mode and still calibrate full scale correctly. Input Span In system calibration schemes, two voltages applied in sequence to the AD7713’s analog input define the analog input range. The input span specification defines the minimum and maximum input voltages from zero to full scale that the AD7713 can accept and still calibrate gain accurately. |
Podobny numer części - AD7713 |
|
Podobny opis - AD7713 |