Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7663 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7663
Szczegółowy opis  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7663 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7663 Datasheet HTML 4Page - Analog Devices AD7663 Datasheet HTML 5Page - Analog Devices AD7663 Datasheet HTML 6Page - Analog Devices AD7663 Datasheet HTML 7Page - Analog Devices AD7663 Datasheet HTML 8Page - Analog Devices AD7663 Datasheet HTML 9Page - Analog Devices AD7663 Datasheet HTML 10Page - Analog Devices AD7663 Datasheet HTML 11Page - Analog Devices AD7663 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7622
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
DGND
BYTESWAP
OB/2C
NC = NO CONNECT
SER/PAR
D0
D1
D2/DIVSCLK[0]
BUSY
D15
D14
D13
AD7622
D3/DIVSCLK[1]
D12
NORMAL
WARP
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
1, 36,
41, 42
AGND
P
Analog Power Ground.
2, 44
AVDD
P
Input Analog Power Pins. Nominally 2.5 V.
3
DGND
P
Digital Power Ground.
4
BYTESWAP
DI
Parallel Mode Selection (8-Bit/16-Bit). When high, the LSB is output on D[15:8] and the MSB is output
on D[7:0]; when low, the LSB is output on D[7:0] and the MSB is output on D[15:8].
5
OB/2C
DI
Straight Binary/Binary Twos Complement Output. When high, the digital output is straight binary;
when low, the MSB is inverted resulting in a twos complement output from its internal shift register.
6
WARP
DI
Conversion Mode Selection. When WARP = high and NORMAL = high, this selects wideband warp
mode with slightly improved linearity and THD. When WARP = high and NORMAL = low, this selects
warp mode. In either mode, these are the fastest modes; maximum throughput is achievable, and
a minimum conversion rate must be applied to guarantee full specified accuracy.
7
NORMAL
DI
Conversion Mode Selection. When NORMAL = low and WARP = low, this input selects normal mode
where full accuracy is maintained independent of the minimum conversion rate.
8
SER/PAR
DI/O
Serial/Parallel Selection Input.
When SER/PAR = high, the serial interface is selected and some bits of the data bus are used as a
serial port; the remaining data bits are high impedance outputs.
When SER/PAR = low, the parallel port is selected.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. These pins are always outputs, regardless of
the interface mode.
11, 12
D[2:3]
DI/O
When SER/PAR = low, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
or DIVSCLK[0:1]
When SER/PAR = high, serial clock division selection. When using serial master read after convert mode
(EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the internally generated
serial clock that clocks the data output. In other serial modes, these pins are high impedance outputs.
13
D4
DI/O
When SER/PAR = low, this output is used as Bit 4 of the parallel port data output bus.
or EXT/INT
When SER/PAR = high, serial clock source select. This input is used to select the internally generated
(master) or external (slave) serial data clock.
When EXT/INT = low, master mode. The internal serial clock is selected on SCLK output.
When EXT/INT = high, slave mode. The output data is synchronized to an external clock signal,
gated by CS, connected to the SCLK input.


Podobny numer części - AD7663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7663 AD-AD7663 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7663 AD-AD7663 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7663 AD-AD7663 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7663 AD-AD7663 Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7663 AD-AD7663 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Podobny opis - AD7663

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7622 AD-AD7622 Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
AD7621 AD-AD7621_15 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7621 AD-AD7621 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com