Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7898AR-10REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7898AR-10REEL
Szczegółowy opis  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7898AR-10REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7898AR-10REEL Datasheet HTML 4Page - Analog Devices AD7898AR-10REEL Datasheet HTML 5Page - Analog Devices AD7898AR-10REEL Datasheet HTML 6Page - Analog Devices AD7898AR-10REEL Datasheet HTML 7Page - Analog Devices AD7898AR-10REEL Datasheet HTML 8Page - Analog Devices AD7898AR-10REEL Datasheet HTML 9Page - Analog Devices AD7898AR-10REEL Datasheet HTML 10Page - Analog Devices AD7898AR-10REEL Datasheet HTML 11Page - Analog Devices AD7898AR-10REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7898
–8–
REV. A
INPUT FREQUENCY – kHz
–50
–55
–65
–75
1000
100
10
–40
–45
–60
–70
VDD = VDRIVE = 5.25V
VDD = 5.0V, VDRIVE = 3.0V
VDD = VDRIVE = 4.75V
TPC 5. SINAD vs. Input Frequency at 220 kSPS
TPC 5 shows a graph of Signal to (Noise + Distortion)
ratio versus Input Frequency for various supply voltages
while sampling at 220 kSPS. The on-chip track-and-hold
can accommodate frequencies up to 4.7 MHz for AD7898-3,
and up to 3.6 MHz for AD7898-10, making the AD7898 ideal
for subsampling applications.
Noise
In an A/D converter, noise exhibits itself as a code uncertainty
in dc applications, and as the noise floor (in an FFT, for
example) in ac applications. In a sampling A/D converter like
the AD7898, all information about the analog input appears in
the baseband, from dc to half the sampling frequency. The input
bandwidth of the track/hold exceeds the Nyquist bandwidth
and, therefore, an antialiasing filter should be used to remove
unwanted signals above fS/2 in the input signal in applications
where such signals exist.
TPC 6 shows a histogram plot for 8192 conversions of a dc
input using the AD7898. The analog input was set at the center
of a code transition. It can be seen that almost all the codes
appear in one output bin, indicating very good noise perfor-
mance from the ADC.
5000
4000
2000
0
2050
6000
3000
1000
5500
4500
2500
500
3500
1500
2049
2048
2047
2046
2045
2044
6500
TPC 6. Histogram of 8192 Conversions of a DC Input
CONVERTER DETAILS
The AD7898 is a fast, 12-bit single supply A/D converter. It
provides the user with signal scaling, track/hold, A/D converter,
and serial interface logic functions on a single chip. The A/D
converter section of the AD7898 consists of a conventional
successive-approximation converter based around an R-2R
ladder structure. The signal scaling on the AD7898-10 and
AD7898-3 allows the part to handle
±10 V and ±2.5 V input
signals, respectively, while operating from a single 5 V supply.
The part requires an external 2.5 V reference. The reference
input to the part is buffered on-chip. The AD7898 has two
operating modes, an internal clocking mode using an on-chip
oscillator and an external clocking mode using the SCLK as
the master clock. The latter mode features a power-down
mechanism. These modes are discussed in more detail in the
Operating Modes section.
A major advantage of the AD7898 is that it provides all of the
above functions in an 8-lead SOIC package. This offers the user
considerable spacing saving advantages over alternative solutions.
The AD7898 consumes only 22.5 mW maximum, making it
ideal for battery-powered applications.
In Mode 0 operation, conversion is initiated on the AD7898 by
pulsing the
CONVST input. On the falling edge of CONVST,
the on-chip track/hold goes from track to hold mode, and the
conversion sequence is started. The conversion clock for the
part is generated internally using a laser-trimmed clock oscilla-
tor circuit. Conversion time for the AD7898 is 3.3
µs, and the
quiet time is 0.1
µs. To obtain optimum performance from the
part in Mode 0, the read operation should not occur during the
conversion.
In Mode 1 operation, conversion is initiated on the AD7898 by
the falling edge of
CS. Sixteen SCLK cycles are required to
complete the conversion and access the conversion result, after
which time
CS may be brought high. The internal oscillator is
not used as the conversion clock in this mode as the SCLK is
used instead. The maximum SCLK frequency is 3.7 MHz in
Mode 1 providing a minimum conversion time of 4.33
µs. As in
Mode 0, another conversion should not be initiated during the
quiet time after the end of conversion.
Both of these modes of operation allow the part to operate
at throughput rates up to 220 kHz and achieve data sheet
specifications.
CIRCUIT DESCRIPTION
Analog Input Section
The AD7898 is offered as two part types: the AD7898-10,
which handles a
±10 V input voltage range; the AD7898-3,
which handles input voltage range
±2.5 V.
VIN
AGND
VREF
TO INTERNAL
COMPARATOR
TRACK/HOLD
TO ADC
REFERENCE
CIRCUITRY
R2
R3
R1
AD7898-10/AD7898-3
Figure 2. Analog Input Structure


Podobny numer części - AD7898AR-10REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7898AR-10REEL AD-AD7898AR-10REEL Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10REEL AD-AD7898AR-10REEL Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898AR-10REEL7 AD-AD7898AR-10REEL7 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10REEL7 AD-AD7898AR-10REEL7 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
More results

Podobny opis - AD7898AR-10REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com