Zakładka z wyszukiwarką danych komponentów |
|
LFD21859MDP2A076 Arkusz danych(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
LFD21859MDP2A076 Arkusz danych(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 2 page Microwave Components 8 Continued from the preceding page. LFD21_DPF Series 2.0 ±0.15 0.90 ±0.1 (1) (2) (3) (5) (6) (4) 0.2 ±0.15 0.35 ±0.1 0.65 ±0.05 (∗1) Lower Frequency Port (∗2) Higher Frequency Port (∗3) Common Port (1): (2)(4)(6): (3): (5): P2(∗1) GND P1(∗2) P3(∗3) (in mm) 0.3 +0.1 –0.15 A: Directional Input Mark A LFD21_DPG Series 2.0 ±0.15 0.90 ±0.1 (1) (2) (3) (5) (6) (4) 0.2 ±0.15 0.35 ±0.1 0.65 ±0.05 (∗1) Higher Frequency Port (∗2) Lower Frequency Port (∗3) Common Port (1): (2)(4)(6): (3): (5): P2(∗1) GND P1(∗2) P3(∗3) (in mm) 0.3 +0.1 –0.15 A: Directional Input Mark A Part Number Frequency Range (f1) (MHz) Frequency Range (f2) (MHz) Insertion Loss( I (P1-P3 in f1) (dB) Insertion Loss( II (P2-P3 in f1) (dB) Attenuation [P1-P3](in f2) (dB) Attenuation [P2-P3](in f1) (dB) LFD181G57DP5B910 2450 ±50.0MHz 1575.5 ±1.5MHz 0.8 max. (at 25 °C) 0.65 max. (at 25 °C) 20 min. 20 min. LFD181G57DP6B913 1575.5 ±1.5MHz 2450 ±50.0MHz 0.65 max. (at 25 °C) 0.80 max. (at 25 °C) 20 min. 20 min. LFD181G57DPFC087 2450 ±50.0MHz 1575 ±3.0MHz 0.5 max. (at 25 °C) 0.35 max. (at 25 °C) 22 min. 13 min. LFD181G57DPGC092 1575 ±3.0MHz 2450 ±50.0MHz 0.35 max. (at 25 °C) 0.5 max. (at 25 °C) 13 min. 22 min. LFD182G45DP3A299 5375 ±475.0MHz 2450 ±50.0MHz 0.60 max. (at 25 °C) 0.40 max. (at 25 °C) 20 min. 20 min. LFD182G45DP3B888 5375 ±475.0MHz 2450 ±50.0MHz 0.60 max. (at 25 °C) 0.40 max. (at 25 °C) 20 min. 20 min. LFD182G45DP4B720 2450 ±50.0MHz 5375 ±475.0MHz 0.40 max. (at 25 °C) 0.60 max. (at 25 °C) 20 min. 20 min. LFD182G45DP4B889 2450 ±50.0MHz 5375 ±475.0MHz 0.40 max. (at 25 °C) 0.60 max. (at 25 °C) 20 min. 20 min. LFD212G45DP3A140 5250 ±100.0MHz 2450 ±50.0MHz 0.65 max. (at 25 °C) 0.50 max. (at 25 °C) 20 min. 20 min. LFD212G45DP3A151 5487.5 ±337.5MHz 2450 ±50.0MHz 0.75 max. (at 25 °C) 0.50 max. (at 25 °C) 20 min. 16 min. LFD212G45DP3A188 5375 ±475.0MHz 2450 ±50.0MHz 0.75 max. (at 25 °C) 0.50 max. (at 25 °C) 21 min. 17 min. LFD212G45DP4A189 2450 ±50.0MHz 5375 ±475.0MHz 0.5 max. (at 25 °C) 0.75 max. (at 25 °C) 17 min. 21 min. LFD21452MDPHC192 859.0 ±35.0MHz 452.5 ±41.5MHz 0.50 max. (at 25 °C) 0.65 max. (at 25 °C) 15 min. 17 min. LFD21859MDP1A049 1920 ±70.0MHz 859 ±35.0MHz 0.45 max. (at 25 °C) 0.40 max. (at 25 °C) 19 min. 20 min. LFD21859MDP2A076 859 ±35.0MHz 1920 ±70.0MHz 0.40 max. (at 25 °C) 0.45 max. (at 25 °C) 20 min. 19 min. LFD21874MDP1A084 1575.5 ±3.0MHz 874 ±51.0MHz 0.60 max. (at 25 °C) 0.55 max. (at 25 °C) 25 min. 23 min. LFD21874MDP2A181 874 ±51.0MHz 1575.5 ±3.0MHz 0.55 max. (at 25 °C) 0.60 max. (at 25 °C) 23 min. 25 min. LFD21884MDP1A062 1906.5 ±13.0MHz 884 ±74.0MHz 0.45 max. (at 25 °C) 0.50 max. (at 25 °C) 20 min. 20 min. LFD21892MDP1A141 1850 ±140.0MHz 892 ±68.0MHz 0.60 max. (at 25 °C) 0.40 max. (at 25 °C) 19 min. 17 min. LFD21892MDP2B860 892 ±68.0MHz 1850 ±140.0MHz 0.40 max. (at 25 °C) 0.60 max. (at 25 °C) 17 min. 19 min. LFD21892MDPFC065 1940 ±230.0MHz 892 ±68.0MHz 0.45 max. (at 25 °C) 0.27 max. (at 25 °C) 19 min. 13 min. LFD21892MDPGC103 892 ±68.0MHz 1940 ±230.0MHz 0.27 max. (at 25 °C) 0.45 max. (at 25 °C) 13 min. 19 min. LFD21920MDP1A048 1795 ±85.0MHz 920 ±40.0MHz 0.55 max. (at 25 °C) 0.50 max. (at 25 °C) 20 min. 16 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note 10.12.17 |
Podobny numer części - LFD21859MDP2A076 |
|
Podobny opis - LFD21859MDP2A076 |