Zakładka z wyszukiwarką danych komponentów |
|
74LVC1G126SE Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
74LVC1G126SE Arkusz danych(HTML) 2 Page - Diodes Incorporated |
2 / 12 page 74LVC1G126 SINGLE BUFFER GATE WITH 3-STATE OUTPUT 74LVC1G126 Document number: DS32103 Rev. 7 - 2 2 of 12 www.diodes.com June 2012 © Diodes Incorporated Pin Descriptions Pin Name Description OE Output Enable A Data Input GND Ground Y Data Output VCC Supply Voltage NC No Connection Logic Diagram Function Table Inputs Output OE A Y H H H H L L L X Z Absolute Maximum Ratings (Note 4) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD CDM Charged Device Model ESD Protection 1 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to +6.5 V VI Input Voltage Range -0.5 to +6.5 V VO Voltage applied to output in high impedance or IOFF state -0.5 to +6.5 V VO Voltage applied to output in high or low state -0.3 to VCC +0.5 V IIK Input Clamp Current VI < 0 -50 mA IOK Output Clamp Current -50 mA IO Continuous output current ±50 mA Continuous current through VDD or GND ±100 mA TJ Operating Junction Temperature -40 to +150 °C TSTG Storage Temperature -65 to +150 °C Notes: 4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. 1 2 4 A OE Y |
Podobny numer części - 74LVC1G126SE |
|
Podobny opis - 74LVC1G126SE |